Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA7.5(C)A Datasheet(PDF) 4 Page - Formosa MS

Part # SA7.5(C)A
Description  500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SA7.5(C)A Datasheet(HTML) 4 Page - Formosa MS

  SA7.5(C)A Datasheet HTML 1Page - Formosa MS SA7.5(C)A Datasheet HTML 2Page - Formosa MS SA7.5(C)A Datasheet HTML 3Page - Formosa MS SA7.5(C)A Datasheet HTML 4Page - Formosa MS SA7.5(C)A Datasheet HTML 5Page - Formosa MS SA7.5(C)A Datasheet HTML 6Page - Formosa MS SA7.5(C)A Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
O
Absolute Maximum Rating(T = 25 C)
A
mA
I
T
Volts
Max. V
C@ I PPM
Volts
I
(A)
PPM
233
197
247
263
209
222
1.0
1.0
1.0
1.0
1.0
1.0
259
275
292
308
324
340
1.9
1.8
1.7
1.6
1.5
1.5
Part No.
SA160(C)A
SA170(C)A
159
1.0
209
2.4
SA130(C)A
185
1.0
243
2.1
SA150(C)A
o
Electrical characteristics (at T =25 C unless otherwise noted)
Table 1
A
Volts
Volts
V
BR Max
V
BR Min
V
RWM
I
FSM
211
178
224
237
189
201
144
167
190
160
200
210
170
180
130
150
(A)@8.3ms
70
70
70
70
70
70
70
70
SA200(C)A
SA210(C)A
SA180(C)A
SA190(C)A
O
Electricity Characteristics(T = 25 C)
A
3
3
3
3
3
3
3
3
Note 1. V
measured after I applied for 300us, I =square wave pulse or equivalent
BR
T
T
2. Surge current waveform per Fig. 3 and derated per Fig. 2
3. For bi-directional types having V
of 10 volts and less, the I limit is doubled
RWM
R
4. Suffix ‘C’ denotes bi-directional devices. Suffix ‘A’ denotes 5% tolerance devices, no suffix denotes 10% tolerance devices.
5. All terms and symbols are consistent with ANS/IEEE C62.35
Fig. A - Transients of several thousand volts can be
clamped to a safe level by the TVS
+30V
+20V
+12V
Transient Peak
IC Failure Threshold
TVS Clamping
Voltage (VC)
Normal Operating
Voltage
Fig. B - Transient current is divered to ground thru
TVS; the voltage seen by the protected load
is limited to the clamping voltage level
Transient
Voltage
Clamping
Transient
Protected
Load
TVS
Transient
Current
+
-
Formosa MS
Transient Voltage Suppressor
SA SERIES
272
1.0
356
1.4
246
220
70
SA220(C)A
3
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222807
2008/02/10
2010/03/10
B
7
Max. I @V
R
RWM
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SA7.5(C)A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SA7.5(C)A FRONTIER-SA7.5(C)A Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA7.5(C)A-LFR FRONTIER-SA7.5(C)A-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA7.5(C)A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
3.0SMCJ5.0 FCI-3.0SMCJ5.0 Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
SUNMATE electronic Co.,...
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
   10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0CA SUNMATE-5KP5.0CA Datasheet
336Kb / 4P
   5000Watts Axial Leaded Transient Voltage Suppressors
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com