Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR340 Datasheet(PDF) 5 Page - Formosa MS

Part # SR340
Description  3.0A Axial Leaded Schottky Barrier Rectifiers - 20V-200V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SR340 Datasheet(HTML) 5 Page - Formosa MS

  SR340 Datasheet HTML 1Page - Formosa MS SR340 Datasheet HTML 2Page - Formosa MS SR340 Datasheet HTML 3Page - Formosa MS SR340 Datasheet HTML 4Page - Formosa MS SR340 Datasheet HTML 5Page - Formosa MS SR340 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
01235
67897 
0


5
5 !
!  
"

#$
!
%&'()
)
*+-.//0
1/21&)
0
3
0
1/
45
4
64
7804
9:
78
;06<=>

4?
=6
@4
?7
6
@4
9:
78
;06<?7>
00?=$
?66
A4
B7;C2>
;D<
D>
;D<
D>
EF
F
GH
<
<
III$
J
KLDKM1DM$
NKD<
74H
OO##P###
Q=H
OO##P#!
RSTU
VWRXRSTUU
KNYD3ZF


MMY3[1F
3
?3\]
M3[1F
3 ?3\]
M]
KZ
0123$
^__`a`bac`89 de87fg
d
`f787d
b`8g
h_e87i``
$
31[J
L33F
3DG3L1F
YL3GLKJ
]
k
3I1\3MKk
[3L]
Z2
  ! # O  ! # O  !
7]
D3;63N>


!
#
O


!
#
O


!
#
O
0L3E31F
l1m2L1[]
3ZFn<
M
031C
l1mI3k
k
F
]
D35l1m
KKkKIZ
l1m2L1[]
3ZF
!n<
M
6Y223MF
3[2L1[]
3ZFn<
MKL
k
3MM

031CMKk
[3L]
Z2F
3DG3L1F
YL3ZKF
F
K3mN33[#n
6#!P
O<
<

<
<


#
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SR340

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR340 WTE-SR340 Datasheet
47Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR340 DGNJDZ-SR340 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SR340 SEMTECH_ELEC-SR340 Datasheet
216Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SR340 DGNJDZ-SR340 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
SR340 FRONTIER-SR340 Datasheet
381Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR340

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR220 FORMOSA-SR220_13 Datasheet
184Kb / 6P
   2.0A Axial Leaded Schottky Barrier Rectifiers-20V-200V
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifiers
31DQ05 SUNMATE-31DQ05 Datasheet
1Mb / 3P
   3.0A Axial Leaded Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
PFM320-AS PACELEADER-PFM320-AS Datasheet
485Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
WILLAS ELECTRONIC CORP
SK32C WILLAS-SK32C Datasheet
485Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIERS -20V- 200V SMC PACKAGE
logo
Formosa MS
SR5150 FORMOSA-SR5150_13 Datasheet
127Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 150V-200V
SR520 FORMOSA-SR520_13 Datasheet
128Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
SR820 FORMOSA-SR820_13 Datasheet
129Kb / 6P
   8.0A Axial Leaded Schottky Barrier Rectifiers - 20V-150V
SR120 FORMOSA-SR120_13 Datasheet
135Kb / 6P
   1.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
logo
WILLAS ELECTRONIC CORP
SK32A WILLAS-SK32A Datasheet
812Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V SMA PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com