Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP37AZ Datasheet(PDF) 2 Page - Analog Devices

Part # OP37AZ
Description  Low Noise, Precision, High Speed tional Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP37AZ Datasheet(HTML) 2 Page - Analog Devices

  OP37AZ Datasheet HTML 1Page - Analog Devices OP37AZ Datasheet HTML 2Page - Analog Devices OP37AZ Datasheet HTML 3Page - Analog Devices OP37AZ Datasheet HTML 4Page - Analog Devices OP37AZ Datasheet HTML 5Page - Analog Devices OP37AZ Datasheet HTML 6Page - Analog Devices OP37AZ Datasheet HTML 7Page - Analog Devices OP37AZ Datasheet HTML 8Page - Analog Devices OP37AZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
OP37
–2–
ABSOLUTE MAXIMUM RATINGS
4
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 V
Internal Voltage (Note 1 ) . . . . . . . . . . . . . . . . . . . . . . . . . 22 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage (Note2) . . . . . . . . . . . . . . . . . 0.7 V
Differential Input Current (Note 2) . . . . . . . . . . . . . . . . 25 mA
Storage Temperature Range . . . . . . . . . . . . . –65
∞C to +150∞C
Operating Temperature Range
OP37A . . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
∞C to +125∞C
OP37E (Z) . . . . . . . . . . . . . . . . . . . . . . . . . . –25
∞C to +85∞C
OP37E, OP-37F (P) . . . . . . . . . . . . . . . . . . . . . 0
∞C to 70∞C
OP37G (P, S, Z) . . . . . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
∞C
Junction Temperature . . . . . . . . . . . . . . . . . . –45
∞C to +150∞C
Package Type
JA
3
JC
Unit
8-Lead Hermetic DIP (Z) 148
16
∞C/W
8-Lead Plastic DIP (P)
103
43
∞C/W
8-Lead SO (S)
158
43
∞C/W
NOTES
1For supply voltages less than 22 V, the absolute maximum input voltage is equal
to the supply voltage.
2The OP37’s inputs are protected by back-to-back diodes. Current limiting resistors
are not used in order to achieve low noise. If differential input voltage exceeds 0.7 V,
the input Current should be limited to 25 mA.
3
JA is specified for worst case mounting conditions, i.e.,
JA is specified for device
in socket for TO, CerDIP, P-DIP, and LCC packages; JA is specified for device
soldered to printed circuit board for SO package.
4Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
ORDERING GUIDE
TA = 25
∞COperating
VOS MAX
CerDIP
Plastic
Temperature
( V)
8-Lead
8-Lead
Range
25
OP37AZ
*
MIL
25
OP37EZ
OP37EP
IND/COM
60
OP37FP
*
IND/COM
100
OP37GP
XIND
100
OP37GZ
OP37GS
XIND
*Not for new design, obsolete, April 2002.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP37 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - OP37AZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP37AZ AD-OP37AZ Datasheet
389Kb / 16P
   Low Noise, Precision, High Speed Operational Amplifier
REV. A
logo
Maxim Integrated Produc...
OP37AZ MAXIM-OP37AZ Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
More results

Similar Description - OP37AZ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2975H AKM-AK2975H Datasheet
1Mb / 17P
   Precision High Speed Low Noise Operational Amplifier
AK2975 AKM-AK2975 Datasheet
1Mb / 17P
   Precision High Speed Low Noise Operational Amplifier
logo
Analog Devices
OP37 AD-OP37 Datasheet
389Kb / 16P
   Low Noise, Precision, High Speed Operational Amplifier
REV. A
OP37 AD-OP37_15 Datasheet
566Kb / 16P
   Low Noise, Precision, High Speed Operational Amplifier
logo
Texas Instruments
TLE2141-EP TI1-TLE2141-EP_12 Datasheet
821Kb / 33P
[Old version datasheet]   Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI1-TLE2142-Q1 Datasheet
473Kb / 23P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI-TLE2142-Q1_15 Datasheet
465Kb / 25P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2144-EP TI-TLE2144-EP_15 Datasheet
737Kb / 33P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI-TLE2141-EP Datasheet
1Mb / 22P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027-EP TI1-TLE2027-EP Datasheet
795Kb / 28P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com