Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA110(C)A Datasheet(PDF) 6 Page - Formosa MS

Part # SA110(C)A
Description  500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SA110(C)A Datasheet(HTML) 6 Page - Formosa MS

  SA110(C)A Datasheet HTML 1Page - Formosa MS SA110(C)A Datasheet HTML 2Page - Formosa MS SA110(C)A Datasheet HTML 3Page - Formosa MS SA110(C)A Datasheet HTML 4Page - Formosa MS SA110(C)A Datasheet HTML 5Page - Formosa MS SA110(C)A Datasheet HTML 6Page - Formosa MS SA110(C)A Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Pinning information
Page 6
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
1
2
Uni-Directional
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
2
1
Bi-Directional
Formosa MS
Transient Voltage Suppressor
SA SERIES
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222807
2008/02/10
2010/03/10
B
7
Suggested thermal profiles for soldering processes
1.Lead free temperature profile wave-soldering
0
20
40
60
80
100 120 140 160 180 200 220 240
Time(Sec)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Preheat
Max gradient 2ºC/s
Peak
Max well
time 5 Max
Cool Down
Max gradient-4ºC/s
Suggested gradient 2ºC/s or
less
-
Peak soldering temperature not
to exceed 260ºC
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SA110(C)A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SA110(C)A FRONTIER-SA110(C)A Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA110(C)A-LFR FRONTIER-SA110(C)A-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA110(C)A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
3.0SMCJ5.0 FCI-3.0SMCJ5.0 Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
SUNMATE electronic Co.,...
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
   10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0CA SUNMATE-5KP5.0CA Datasheet
336Kb / 4P
   5000Watts Axial Leaded Transient Voltage Suppressors
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com