Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC150-1T24G Datasheet(PDF) 4 Page - Power-One

Part # ABC150-1T24G
Description  110 W convection cooled, No minimum load required
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ABC150-1T24G Datasheet(HTML) 4 Page - Power-One

  ABC150-1T24G Datasheet HTML 1Page - Power-One ABC150-1T24G Datasheet HTML 2Page - Power-One ABC150-1T24G Datasheet HTML 3Page - Power-One ABC150-1T24G Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ABC150 Series
4
www.power-one.com
DATA SHEET
Figure 1 Output Power Vs. Temperature
Figure 2 Dimension Drawing (Top and Side View)
Mechanical
INPUT = J1
EARTHING TAB = J4
DC OUTPUT = J2
FAN= J3
Pin 1: AC Line
Pin 2: AC Neutral
Molex: 19705-4301
Pin 1 = V1
Pin 2 = V1
Pin 3 = RTN
Pin 4 = RTN
Pin 1 = +12 V @ 0.5 A
Pin 2 = Fan return
(isolated from DC output)
Mating Connector:
Molex: 09-50-3031
Pins: 08-50-0106
Mating Connector:
Molex: 190030001
Mating Connector:
JST VHR-4M, Pins: SVH-41T-P1.1
AWG #20 to #16
Mating Connector:
Tyco: 640440-2
Copyright © 2010 Power-One Inc. All rights reserved. Words and logos that are identified as trademarks and/or service marks are, unless noted otherwise, the
trademarks and service marks of Power-One Inc. in the U.S. and other countries. All other product or service names are the property of their respective holders.
Power-One products are protected under numerous U.S. and foreign patents and pending applications, maskwork rights, and copyrights. Power-One reserves the
right to make changes to any products and services at any time without notice. Power-One assumes no responsibility or liability arising out of the application or use
of any information, product, or service described herein except as expressly agreed to in writing by Power-One Inc.
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical components in life sup-
port systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the respective divisional president of
Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufac-
tured. Specifications are subject to change without notice.


Similar Part No. - ABC150-1T24G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC150-1T24G BEL-ABC150-1T24G Datasheet
698Kb / 5P
   Cover Kit Accessory Available
ABC150-1T24G BEL-ABC150-1T24G Datasheet
769Kb / 6P
   4 x 2 x 1.3 Inch Form Factor 150 W with Forced-Air Cooling
More results

Similar Description - ABC150-1T24G

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC40 POWER-ONE-ABC40 Datasheet
556Kb / 4P
   40 W convection cooled, No minimum load required - single output models
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   No minimum load required
logo
Delta Electronics, Inc.
D12S1R830 DELTA-D12S1R830 Datasheet
500Kb / 11P
   No minimum load required
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
   No minimum load required
NC40 DELTA-NC40 Datasheet
993Kb / 14P
   No minimum load required
DNL10SIP20 DELTA-DNL10SIP20 Datasheet
878Kb / 17P
   No minimum load required
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com