Electronic Components Datasheet Search |
|
MMU01020D5620DB300 Datasheet(PDF) 8 Page - Vishay Siliconix |
|
MMU01020D5620DB300 Datasheet(HTML) 8 Page - Vishay Siliconix |
8 / 13 page Document Number: 28713 For technical questions, contact: melf@vishay.com www.vishay.com Revision: 05-Mar-12 21 MMU 0102, MMA 0204, MMB 0207 - Professional Professional MELF Resistors Vishay Beyschlag This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 TEST AND REQUIREMENTS All tests are carried out in accordance with the following specifications: EN 60115-1, generic specification EN 140400, sectional specification EN 140401-803, detail specification The components are approved in accordance with the IECQ-CECC-system, where applicable. For the full test schedule refer to the documents listed above. The testing also covers most of the requirements specified by EIA/IS-703 and JIS-C-5202. The tests are carried out under standard atmospheric conditions in accordance with IEC 60068-1, 5.3 (3). Climatic category LCT/UCT/56 (rated temperature range: Lower category temperature, upper category temperature; damp heat, steady state, test duration 56 days) is valid. Unless otherwise specified the following values apply: Temperature: 15 °C to 35 °C Relative humidity: 45 % to 75 % Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar). The components are mounted for testing on printed-circuit boards in accordance with EN 140400, 2.3.3, unless otherwise specified. The requirements stated in the Test Procedures and Requirements table are based on the required tests and permitted limits of EN 140401-803. However, some additional tests and a number of improvements against those minimum requirements have been included. The stated requirements for long-term tests are typically fulfilled with a statistical safety of at least + 5 s. x TEST PROCEDURES AND REQUIREMENTS EN 60115-1 CLAUSE IEC 60068-2 (2) TEST METHOD TEST PROCEDURE REQUIREMENTS PERMISSIBLE CHANGE ( R) STABILITY CLASS 0.25 OR BETTER STABILITY CLASS 0.5 OR BETTER STABILITY CLASS 1 OR BETTER STABILITY CLASS 2 OR BETTER Stability for product types: MMU 0102 10 to 221k 1 to < 10 < 1 > 221 k MMA 0204 10 to 332 k 1 to < 10 < 1 > 332 k MMB 0207 10 to 1 M 1 to < 10 < 1 > 1 M 4.5 - Resistance - ± 1 % R; ± 0.5 % R ± 2 % R;± 1 % R ± 5 % R ± 1 % R 4.8.4.2 - Temperature coefficient At (20/- 55/20) °C and (20/125/20) °C ± 50 ppm/K; ± 25 ppm/K 4.25.1 - Endurance at 70 °C: Standard operation mode U = U max.; 1.5 h on; 0.5 h off; 70 °C; 1000 h ± (0.15 % R + 10 m )±(0.5 % R + 10 m) 70 °C; 8000 h ± (0.3 % R + 10 m)± (1 % R +10 m) Endurance at 70 °C: Power operation mode U = U max.; 1.5 h on; 0.5 h off; 70 °C; 1000 h ± (0.25 % R + 10 m) ± (0.5 % R + 10 m ) 70 °C; 8000 h ± (0.5 % R + 10 m)±(1 % R + 10 m) 4.25.3 - Endurance at upper category temperature 125 °C; 1000 h ± (0.15 % R +5 m ) ± (0.25 % R +5 m)± (0.5 % R +5 m)+ (1 % R +5 m) 155 °C; 1000 h ± (0.3 % R +5 m)±(0.5 % R +5 m)± (1 % R +5 m)+ (2 % R +5 m) 4.24 78 (Cab) Damp heat, steady state (40 ± 2) °C; 56 days; (93 ± 3) % RH ± (0.15 % R +10 m) ±(0.5 % R + 10 m)±(1 % R + 10 m)± (1 % R +10 m) P 70 x R P 70 x R |
Similar Part No. - MMU01020D5620DB300 |
|
Similar Description - MMU01020D5620DB300 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |