Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20H100C Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # MBR20H100C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR20H100C Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  MBR20H100C Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR20H100C Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBR20H100C Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MBR20H100C Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MBR20H100C Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MBR20H100C Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MBR20H100C Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. MBR20H100C Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. MBR20H100C Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100C
5
www.kersemi.com
Parameter
Symbol
Condition
Value
Unit
Maximum Instantaneous Forward
Voltage Drop (Note 3)
VF
IF=10A, TC=25oC
0.77
V
IF=10A, TC=125oC
0.64
IF=20A, TC=25oC
0.88
IF=20A, TC=125oC
0.73
Maximum Instantaneous Reverse
Current (Note 3)
IR
Rated DC Voltage, TC=125oC
6.0
mA
Rated DC Voltage, TC=25oC
0.0045
Electrical Characteristics (Each Diode Leg)
Note 3: Pulse Test: Pulse Width=300
µs, Duty Cycle≤2.0%.


Similar Part No. - MBR20H100C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR20H100C DIODES-MBR20H100C Datasheet
523Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Rectron Semiconductor
MBR20H100C RECTRON-MBR20H100C Datasheet
329Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
MBR20H100CT LUGUANG-MBR20H100CT Datasheet
126Kb / 2P
   20.0AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR20H100CT TSC-MBR20H100CT Datasheet
223Kb / 3P
   20.0AMPS. Schottky Barrier Rectifiers Guard-ring for overvoltage protection
More results

Similar Description - MBR20H100C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com