Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20H100CTG Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MBR20H100CTG
Description  High Barrier Technology for Improved High Temperature Performance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR20H100CTG Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MBR20H100CTG Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR20H100CTG Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBR20H100CTG Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR20H90CTG & MBR20H100CTG
www.kersemi.com
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward voltage per diode (1)
IF = 10 A
IF = 10 A
IF = 20 A
IF = 20 A
TJ = 25 °C
TJ = 125 °C
TJ = 25 °C
TJ = 125 °C
VF
0.80
0.64
0.87
0.74
0.85
0.70
0.93
0.80
V
Maximum reverse current per diode at working peak
reverse voltage (1)
TJ = 25 °C
TJ = 125 °C
IR
-
-
3.5
4.5
µA
mA
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
UNIT
Typical thermal resistance per diode
RθJC
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (G)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
MBR20H100CTG-E3/45
1.85
45
50/tube
Tube
TO-220AB
MBR20H100CTGHE3/45 (1)
1.85
45
50/tube
Tube
Figure 1. Forward Derating Curve
0
4
8
12
16
20
24
75
50
25
0
100
125
150
175
Case Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
1
10
100
50
25
75
100
125
150
175
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz


Similar Part No. - MBR20H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
130Kb / 7P
   SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
logo
Vishay Siliconix
MBR20H100CTG VISHAY-MBR20H100CTG Datasheet
412Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 25-Mar-08
logo
Kersemi Electronic Co.,...
MBR20H100CTG KERSEMI-MBR20H100CTG Datasheet
487Kb / 7P
   SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 100 VOLTS
logo
ON Semiconductor
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
122Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 12
More results

Similar Description - MBR20H100CTG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR10HXX VISHAY-MBR10HXX_15 Datasheet
129Kb / 5P
   High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 28-Jul-15
SB1H90 VISHAY-SB1H90_08 Datasheet
94Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
SB3H90 VISHAY-SB3H90_08 Datasheet
97Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
SB5H90 VISHAY-SB5H90_08 Datasheet
96Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
M10HXX VISHAY-M10HXX Datasheet
135Kb / 5P
   High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 16-Mar-16
M10HXX VISHAY-M10HXX_15 Datasheet
118Kb / 4P
   High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 20-Jan-15
SS2PH9 VISHAY-SS2PH9 Datasheet
104Kb / 4P
   High-Voltage Surface Mount Schottky Barrier Rectifiers High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
MBR7HXX VISHAY-MBR7HXX Datasheet
140Kb / 5P
   Schottky Barrier Rectifier High Barrier Technology for Improved HighTemperature Performance
Revision: 13-Aug-13
M30HXXCT VISHAY-M30HXXCT_15 Datasheet
131Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 22-Jan-15
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
122Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 17-Aug-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com