Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMU01020D0000FB000 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MMU01020D0000FB000
Description  Professional MELF Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020D0000FB000 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MMU01020D0000FB000 Datasheet HTML 5Page - Vishay Siliconix MMU01020D0000FB000 Datasheet HTML 6Page - Vishay Siliconix MMU01020D0000FB000 Datasheet HTML 7Page - Vishay Siliconix MMU01020D0000FB000 Datasheet HTML 8Page - Vishay Siliconix MMU01020D0000FB000 Datasheet HTML 9Page - Vishay Siliconix MMU01020D0000FB000 Datasheet HTML 10Page - Vishay Siliconix MMU01020D0000FB000 Datasheet HTML 11Page - Vishay Siliconix MMU01020D0000FB000 Datasheet HTML 12Page - Vishay Siliconix MMU01020D0000FB000 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.vishay.com
For technical questions, contact: melf@vishay.com
Document Number: 28713
24
Revision: 05-Mar-12
MMU 0102, MMA 0204, MMB 0207 - Professional
Vishay Beyschlag
Professional MELF Resistors
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Special requirements apply to MICRO-MELF, MMU 0102:
-
R < 100
 ± (0.25 % R +10 m).
- 100
  R  221 k ± 0.1 % R.
- 221 k
 < R: ± 0.25 % R.
(2) The quoted IEC standards are also released as EN standards with the same number and identical contents.
4.17.2
58 (Td)
Solderability
Solder bath
method; SnPb40;
non-activated flux;
(215 ±
3) °C;
(3 ±
0.3) s
Good tinning (
95 % covered); no visible damage
Solder bath
method;
SnAg3Cu0.5 or
SnAg3.5;
non-activated flux;
(235 ±
3) °C;
(2 ±
0.2) s
Good tinning (
95 % covered); no visible damage
4.18.2
58 (Td)
Resistance to
soldering heat
Solder bath
method;
(260 ±
5) °C;
(10 ±1) s
± (0.05 %
R +10 m
) ±(0.1 % R +10 m) ± (0.25 % R +10 m) ±(0.25 % R + 10 m)
Reflow method 2
(IR/forced gas
convection);
(260 ± 5) °C;
(10 ±1) s
±
(0.02 % R + 10 m) ±(0.05 % R +10 m) ± (0.05 % R +10 m) ±(0.1 % R + 10 m)
4.29
45 (XA)
Component
solvent
resistance
Isopropyl alcohol;
50
C; method 2
No visible damage
4.30
45 (XA)
Solvent
resistance of
marking
Isopropyl alcohol;
50 °C; method 1,
toothbrush
Marking legible;
no visible damage
4.32
21 (Ue3)
Shear
(adhesion)
45 N
No visible damage
4.33
21 (Ue1)
Substrate
bending
Depth 2 mm,
3 times
No visible damage, no open circuit in bent position
± (0.05 %
R + 5 m
) (1)
4.7
-
Voltage proof
URMS = Uins; 60 s
No flashover or breakdown
4.35
-
Flammability
IEC 60695-11-5 (2)
,
needle flame test;
10 s
No burning after 30 s
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (2)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
STABILITY
CLASS 0.25
OR BETTER
STABILITY
CLASS 0.5
OR BETTER
STABILITY
CLASS 1
OR BETTER
STABILITY
CLASS 2
OR BETTER
Stability for
product types:
MMU 0102
10
 to 221k
1
 to < 10 
< 1
> 221 k
MMA 0204
10
 to 332 k
1
 to < 10 
< 1
> 332 k
MMB 0207
10
 to 1 M
1
 to < 10 
< 1
> 1 M


Similar Part No. - MMU01020D0000FB000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020D0000FB000 VISHAY-MMU01020D0000FB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMU01020D0000FB000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C2203FB300 VISHAY-MMA02040C2203FB300 Datasheet
256Kb / 14P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C3301FB300 VISHAY-MMA02040C3301FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C3003FB300 VISHAY-MMU01020C3003FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1209FB300 VISHAY-MMA02040C1209FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1808FB300 VISHAY-MMA02040C1808FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C4701FB300 VISHAY-MMA02040C4701FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C2202FB300 VISHAY-MMU01020C2202FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU0102 VISHAY-MMU0102 Datasheet
203Kb / 13P
   Professional MELF Resistors
Revision: 18-Jul-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com