Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20H100CTG Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # MBR20H100CTG
Description  SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 100 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR20H100CTG Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  MBR20H100CTG Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR20H100CTG Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBR20H100CTG Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MBR20H100CTG Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MBR20H100CTG Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MBR20H100CTG Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MBR20H100CTG Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MBR20H100CT, MBRB20H100CT, MBRF20H100CT
www.kersemi.com
4
0
VR, REVERSE VOLTAGE (VOLTS)
100
10
40
80
TJ = 25°C
Figure 7. Capacitance
100
20
60
10000
1000
Figure 8. Thermal Response Junction−to−Ambient for MBR20H100CT and MBRB20H100CT
1000
0.1
0.00001
t1, TIME (sec)
1
0.0001
0.001
0.01
1
10
100
0.000001
0.1
10
100
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.1
0.05
0.01
Figure 9. Thermal Response Junction−to−Case for MBR20H100CT and MBRB20H100CT
1000
0.1
0.00001
t1, TIME (sec)
10
0.01
0.0001
0.001
0.01
1
10
100
0.000001
0.1
1
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.1
0.05
0.01
0.01


Similar Part No. - MBR20H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
130Kb / 7P
   SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
logo
Vishay Siliconix
MBR20H100CTG VISHAY-MBR20H100CTG Datasheet
412Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 25-Mar-08
logo
Kersemi Electronic Co.,...
MBR20H100CTG KERSEMI-MBR20H100CTG Datasheet
1Mb / 3P
   High Barrier Technology for Improved High Temperature Performance
logo
ON Semiconductor
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
122Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 12
More results

Similar Description - MBR20H100CTG

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ISR20100A RECTRON-ISR20100A Datasheet
421Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 20 Amperes
logo
ON Semiconductor
MBRF20200-CT ONSEMI-MBRF20200-CT Datasheet
101Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS
August, 2008 ??Rev. 7
logo
Kersemi Electronic Co.,...
MBRF20200CTG KERSEMI-MBRF20200CTG Datasheet
455Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS
MBRF2060CTG KERSEMI-MBRF2060CTG Datasheet
484Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 60 VOLTS
logo
Motorola, Inc
MBR0520LT1 MOTOROLA-MBR0520LT1 Datasheet
87Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 20 VOLTS
MBRM120LT3 MOTOROLA-MBRM120LT3 Datasheet
136Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 20 VOLTS
logo
Kersemi Electronic Co.,...
MBRF2045CTG KERSEMI-MBRF2045CTG Datasheet
504Kb / 8P
   SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 45 VOLTS
MBR20200CTG KERSEMI-MBR20200CTG Datasheet
480Kb / 5P
   SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS
logo
ON Semiconductor
MBR3100 ONSEMI-MBR3100 Datasheet
53Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 100 VOLTS
April, 2003 - Rev. 3
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT Datasheet
331Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com