Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS04020D4641FE0 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MCS04020D4641FE0
Description  Professional Thin Film Chip Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS04020D4641FE0 Datasheet(HTML) 2 Page - Vishay Siliconix

  MCS04020D4641FE0 Datasheet HTML 1Page - Vishay Siliconix MCS04020D4641FE0 Datasheet HTML 2Page - Vishay Siliconix MCS04020D4641FE0 Datasheet HTML 3Page - Vishay Siliconix MCS04020D4641FE0 Datasheet HTML 4Page - Vishay Siliconix MCS04020D4641FE0 Datasheet HTML 5Page - Vishay Siliconix MCS04020D4641FE0 Datasheet HTML 6Page - Vishay Siliconix MCS04020D4641FE0 Datasheet HTML 7Page - Vishay Siliconix MCS04020D4641FE0 Datasheet HTML 8Page - Vishay Siliconix MCS04020D4641FE0 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 24-Jan-13
2
Document Number: 28705
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Products can be ordered using either the PRODUCT DESCRIPTION or PART NUMBER.
(1) Jumpers are ordered by the resistance value 0
, e.g. MCT 0603 P5 0R0.
Notes
• Resistance values are available for ± 1 % tolerance from the E24 and E96 series; for ± 0.5 % tolerance from the E24 and E192 series.
• Resistance ranges printed in bold are preferred TCR/tolerance combinations with optimized availability.
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: MCT06030D4641DPW00
TYPE/SIZE
VERSION
TCR
RESISTANCE
TOLERANCE
PACKAGING
MCS0402
MCT0603
MCU0805
MCA1206
0 = Neutral
D = ± 25 ppm/K
C = ± 50 ppm/K
Z = Jumper
3 digit value
1 digit
multiplier
MULTIPLIER
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
5 = *105
0000 = Jumper
D = ± 0.5 %
F = ± 1 %
Z = Jumper
P5
PW
E0
Product Description: MCT 0603-25 0.5 % PW 4K64
MCT
0603
-25
0.5 %
PW
4K64
TYPE
SIZE
TCR
TOLERANCE
PACKAGING
RESISTANCE
MCS
MCT
MCU
MCA
0402
0603
0805
1206
± 25 ppm/K
± 50 ppm/K
± 0.5 %
± 1 %
P5
PW
E0
4K64 = 4.64 k
50R1 = 50.1
0R0 = Jumper (1)
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE RANGE
TCR
TOLERANCE
MCS 0402
MCT 0603
MCU 0805
MCA 1206
± 50 ppm/K
± 1 %
10
 to 4.99 M
1
 to 10 M
1
 to 10 M
1
 to 2 M
± 0.5 %
10
 to 221 k
10
 to 511 k
10
 to 1.5 M
10
 to 2 M
± 25 ppm/K
± 0.5 %
10
 to 221 k
10
 to 511 k
10
 to 1.5 M
10
 to 2 M
Jumper
-
 20 m
Imax. = 0.63 A
 20 m
Imax. = 1 A
 20 m
Imax. = 1.5 A
 20 m
Imax. = 2 A
PACKAGING
TYPE
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
MCS 0402
E0
10 000
Paper tape acc.
IEC 60286-3
type I
8 mm
2 mm
180 mm/7"
MCT 0603
P5
5000
4 mm
180 mm/7"
PW
20 000
330 mm/13"
MCU 0805
P5
5000
180 mm/7"
PW
20 000
330 mm/13"
MCA 1206
P5
5000
180 mm/7"
C
T
0
603
0
D
4
M
41
D
P
W
00
6


Similar Part No. - MCS04020D4641FE0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCS04020D4641FE0 VISHAY-MCS04020D4641FE0 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results

Similar Description - MCS04020D4641FE0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4993FP500 VISHAY-MCT06030C4993FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C4700FE000 VISHAY-MCS04020C4700FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS-0402 VISHAY-MCS-0402 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1003FP500 VISHAY-MCT06030C1003FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C3300FP500 VISHAY-MCT06030C3300FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1503FP500 VISHAY-MCT06030C1503FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com