Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3070-0000-000N0HZ450H Datasheet(PDF) 7 Page - Cree, Inc

Part # CXA3070-0000-000N0HZ450H
Description  LED array expands Crees family of high flux, multi die integrated arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3070-0000-000N0HZ450H Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXA3070-0000-000N0HZ450H Datasheet HTML 3Page - Cree, Inc CXA3070-0000-000N0HZ450H Datasheet HTML 4Page - Cree, Inc CXA3070-0000-000N0HZ450H Datasheet HTML 5Page - Cree, Inc CXA3070-0000-000N0HZ450H Datasheet HTML 6Page - Cree, Inc CXA3070-0000-000N0HZ450H Datasheet HTML 7Page - Cree, Inc CXA3070-0000-000N0HZ450H Datasheet HTML 8Page - Cree, Inc CXA3070-0000-000N0HZ450H Datasheet HTML 9Page - Cree, Inc CXA3070-0000-000N0HZ450H Datasheet HTML 10Page - Cree, Inc CXA3070-0000-000N0HZ450H Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
7
XLamp CXa3070 LED
tyPical sPatial distribution
Performance grouPs - brightness (i
f = 1925 ma, tJ = 85 °c)
XLamp CXA3070 LEDs are tested for luminous flux and placed into one of the following bins.
group code
min. luminous flux
@ 1925 ma
max. luminous flux
@ 1925 ma
W2
4860
5225
W4
5225
5590
X2
5590
6010
X4
6010
6430
Y2
6430
6910
Y4
6910
7390
Z2
7390
7945
Z4
7945
8500
AB
8500
9000
AD
9000
9500
BB
9500
10,000
BD
10,000
11,000
CB
11,000
12,000
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)


Similar Part No. - CXA3070-0000-000N0HZ450H

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3071N SONY-CXA3071N Datasheet
280Kb / 24P
   Read/Write Amplifier (with Built-in Filters) for FDDs
More results

Similar Description - CXA3070-0000-000N0HZ450H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com