Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB735 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MBRB735
Description  Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBRB735 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MBRB735 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBRB735 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBRB735 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR7xx, MBRF7xx & MBRB7xx Series
www.kersemi.com
2
Maximum Ratings (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR735
MBR745
MBR750
MBR760
Unit
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
V
Working peak reverse voltage
VRWM
35
45
50
60
V
Maximum DC blocking voltage
VDC
35
45
50
60
V
Maximum average forward rectified current (SEE FIG. 1)
IF(AV)
7.5
A
Peak repetitive forward current (sq. wave, 20 KHz)
at TC = 105°C
IFRM
15
A
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
150
A
on rated load (JEDEC Method)
Peak repetitive reverse current
at tp = 2.0
µs, 1KHZ
IRRM
1.0
0.5
A
Voltage rate of change (rated VR)
dv/dt
10,000
V/
µs
Operating junction temperature range
TJ
–65 to +150
°C
Storage temperature range
TSTG
–65 to +175
°C
RMS Isolation voltage (MBRF type only) from terminals to
4500 (NOTE 1)
heatsink with t = 1.0 second, RH
≤ 30%
VISOL
3500 (NOTE 2)
V
1500 (NOTE 3)
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR735
MBR745
MBR750
MBR760
Unit
Maximum instantaneous forward voltage (Note 4)
at IF = 7.5A,
TC = 25°C
0.75
at IF = 7.5A,
TC = 125°C
VF
0.57
0.65
V
at IF = 15A,
TC = 25°C
0.84
at IF = 15A,
TC = 125°C
0.72
Maximum reverse current
TC = 25°C
0.1
0.5
at DC blocking voltage
TC = 125°C
IR
15
50
mA
Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR
MBRF
MBRB
Unit
Thermal resistance from junction to case
R
ΘJC
3.0
5.0
3.0
°C/W
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9 mm (0.19”)
(4) Pulse test: 300
µs pulse width, 1% duty cycle
Ordering Information
Product
Case
Package Code
Package Option
MBR735 - MBR760
TO-220AC
45
Anti-Static tube, 50/tube, 2K/carton
MBRF735 - MBRF760
ITO-220AC
45
Anti-Static tube, 50/tube, 2K/carton
31
13” reel, 800/reel, 4.8K/carton
MBRB735 - MBRB760
TO-263AB
45
Anti-Static tube, 50/tube, 2K/carton
81
Anti-Static 13” reel, 800/reel, 4.8K/carton


Similar Part No. - MBRB735

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB735 GE-MBRB735 Datasheet
90Kb / 2P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRB735 VISHAY-MBRB735 Datasheet
64Kb / 3P
   Schottky Barrier Rectifier
03-Mar-03
logo
International Rectifier
MBRB735 IRF-MBRB735 Datasheet
203Kb / 7P
   SCHOTTKY RECTIFIER 7.5 Amp
logo
Vishay Siliconix
MBRB735 VISHAY-MBRB735 Datasheet
493Kb / 5P
   Schottky Barrier Rectifier
Revision: 08-Nov-07
MBRB735 VISHAY-MBRB735 Datasheet
104Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 22-Aug-08
More results

Similar Description - MBRB735

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR745 KERSEMI-MBR745 Datasheet
845Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR750 KERSEMI-MBR750 Datasheet
124Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR1545CT KERSEMI-MBR1545CT Datasheet
140Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR1535CT KERSEMI-MBR1535CT Datasheet
141Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR1550CT KERSEMI-MBR1550CT Datasheet
152Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR2545CT KERSEMI-MBR2545CT Datasheet
150Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBRF10100 KERSEMI-MBRF10100 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR1545CT45 KERSEMI-MBR1545CT45 Datasheet
152Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR1560CT KERSEMI-MBR1560CT Datasheet
140Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR1050 KERSEMI-MBR1050 Datasheet
59Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
MBR1545CTG KERSEMI-MBR1545CTG Datasheet
140Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com