Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD2N60A Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOD2N60A
Description  600V,2A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD2N60A Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOD2N60A Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD2N60A Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD2N60A Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD2N60A Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD2N60A Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD2N60A Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AOD2N60A/AOI2N60A
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
VDS
0
15
30
45
60
75
0
25
50
75
100
125
150
T
CASE (°C)
Figure 12: Power De-rating (Note B)
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
150
T
CASE (°C)
Figure 13: Current De-rating (Note B)
0
100
200
300
400
0.0001
0.001
0.01
0.1
1
10
100
1000
T
J(Max)=150°C
T
A=25°C
Pulse Width (s)
Figure 14: Single Pulse Power Rating Junction-to-Ambient (Note G)
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Normalized Maximum Transient Thermal Impedance (Note G)
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
RθJA=50°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Single Pulse
T
on
T
P
D
Rev.1.0 September 2013
www.aosmd.com
Page 5 of 6
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AOD2N60A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD2N60A AOSMD-AOD2N60A Datasheet
434Kb / 6P
   600V,2A N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOD2N60A VBSEMI-AOD2N60A Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD2N60A ISC-AOD2N60A Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOD2N60A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT2N60 AOSMD-AOT2N60_10 Datasheet
165Kb / 6P
   600V,2A N-Channel MOSFET
AOD2N60 AOSMD-AOD2N60 Datasheet
148Kb / 6P
   2A, 600V N-Channel MOSFET
AOY2N60 AOSMD-AOY2N60 Datasheet
400Kb / 6P
   600V,2A N-Channel MOSFET
AOI2N60 AOSMD-AOI2N60 Datasheet
114Kb / 5P
   600V, 2A N-Channel MOSFET
AOD2C60 AOSMD-AOD2C60 Datasheet
254Kb / 6P
   600V,2A N-Channel MOSFET
AOD2N60 AOSMD-AOD2N60_10 Datasheet
332Kb / 6P
   600V, 2A N-Channel MOSFET
AOT2N60 AOSMD-AOT2N60 Datasheet
148Kb / 6P
   600V, 2A N-Channel MOSFET
AOU2N60A AOSMD-AOU2N60A Datasheet
434Kb / 6P
   600V,2A N-Channel MOSFET
logo
Advanced Monolithic Sys...
AMS2N60 AMS-AMS2N60 Datasheet
325Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com