Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1816-0000-000N0YK40E8 Datasheet(PDF) 7 Page - Cree, Inc

Part # CXA1816-0000-000N0YK40E8
Description  CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N0YK40E8 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXA1816-0000-000N0YK40E8 Datasheet HTML 3Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 4Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 5Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 6Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 9Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 10Page - Cree, Inc CXA1816-0000-000N0YK40E8 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
7
XLamp CXa1816 LED
relative sPectral PoWer distribution (i
f = 450 ma, tJ = 85 °c)
The following graph is the result of a series of pulsed measurements at 450 mA and T
J = 85 °C.
electrical characteristics
The following graph is the result of a series of steady-state measurements.
Relative Spectral Power Distribution
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5000K, 70 CRI
4000K, 70 CRI
3000K, 80 CRI
3000K, 93 CRI
34
35
36
37
38
39
40
41
42
43
250
380
510
640
770
900
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C


Similar Part No. - CXA1816-0000-000N0YK40E8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1816-0000-000N0YK427F CREE-CXA1816-0000-000N0YK427F Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N0YK427G CREE-CXA1816-0000-000N0YK427G Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N0YK427H CREE-CXA1816-0000-000N0YK427H Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N0YK430F CREE-CXA1816-0000-000N0YK430F Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N0YK430H CREE-CXA1816-0000-000N0YK430H Datasheet
2Mb / 17P
   XLamp LED
More results

Similar Description - CXA1816-0000-000N0YK40E8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com