Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1820-0000-000N00Q40E3 Datasheet(PDF) 3 Page - Cree, Inc

Part # CXA1820-0000-000N00Q40E3
Description  LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1820-0000-000N00Q40E3 Datasheet(HTML) 3 Page - Cree, Inc

  CXA1820-0000-000N00Q40E3 Datasheet HTML 1Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 2Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 3Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 4Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 5Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 6Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 7Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 8Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
3
XLamp CXa1820 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, easyWhite order codes and bins (i
f = 550 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA1820 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 12).
cct
range
cri
base order codes
min. luminous flux
@ 550 ma
2-step order code
4-step order code
min
typ
group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
5000 K
70
75
Q4
2260
2560
50H
CXA1820-0000-000N00Q450H
50F
CXA1820-0000-000N00Q450F
R2
2420
2741
CXA1820-0000-000N00R250H
CXA1820-0000-000N00R250F
R4
2600
2916
CXA1820-0000-000N00R450H
CXA1820-0000-000N00R450F
80
---
p4
1965
2226
50H
CXA1820-0000-000N0Hp450H
50F
CXA1820-0000-000N0Hp450F
Q2
2100
2379
CXA1820-0000-000N0HQ250H
CXA1820-0000-000N0HQ250F
Q4
2260
2560
CXA1820-0000-000N0HQ450H
CXA1820-0000-000N0HQ450F
R2
2420
2741
CXA1820-0000-000N0HR250H
CXA1820-0000-000N0HR250F
90
95
N4
1710
1937
50H
CXA1820-0000-000N0UN450H
50F
CXA1820-0000-000N0UN450F
p2
1830
2073
CXA1820-0000-000N0Up250H
CXA1820-0000-000N0Up250F
p4
1965
2226
CXA1820-0000-000N0Up450H
CXA1820-0000-000N0Up450F
4000 K
70
75
Q2
2100
2379
40H
CXA1820-0000-000N00Q240H
40F
CXA1820-0000-000N00Q240F
Q4
2260
2560
CXA1820-0000-000N00Q440H
CXA1820-0000-000N00Q440F
R2
2420
2741
CXA1820-0000-000N00R240H
CXA1820-0000-000N00R240F
80
---
p4
1965
2226
40H
CXA1820-0000-000N0Hp440H
40F
CXA1820-0000-000N0Hp440F
Q2
2100
2379
CXA1820-0000-000N0HQ240H
CXA1820-0000-000N0HQ240F
Q4
2260
2560
CXA1820-0000-000N0HQ440H
CXA1820-0000-000N0HQ440F
90
95
N2
1590
1801
40H
CXA1820-0000-000N0UN240H
40F
CXA1820-0000-000N0UN240F
N4
1710
1937
CXA1820-0000-000N0UN440H
CXA1820-0000-000N0UN440F
p2
1830
2073
CXA1820-0000-000N0Up240H
CXA1820-0000-000N0Up240F
3500 K
80
---
p4
1965
2226
35H
CXA1820-0000-000N00p435H
35F
CXA1820-0000-000N00p435F
Q2
2100
2379
CXA1820-0000-000N00Q235H
CXA1820-0000-000N00Q235F
Q4
2260
2560
CXA1820-0000-000N00Q435H
CXA1820-0000-000N00Q435F
93
95
m4
1485
1685
35H
CXA1820-0000-000N0Ym435h
35F
CXA1820-0000-000N0Ym435F
N2
1590
1801
CXA1820-0000-000N0YN235H
CXA1820-0000-000N0YN235F
N4
1710
1937
CXA1820-0000-000N0YN435H
CXA1820-0000-000N0YN435F


Similar Part No. - CXA1820-0000-000N00Q40E3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1821 SONY-CXA1821 Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA1821M SONY-CXA1821M Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
More results

Similar Description - CXA1820-0000-000N00Q40E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
logo
Ohmite Mfg. Co.
RES-30 OHMITE-RES-30 Datasheet
229Kb / 3P
   Ohmite Manufacturing?셲 family of High Energy
logo
Cree, Inc
CGD15HB62LP CREE-CGD15HB62LP Datasheet
439Kb / 8P
   Optimized for Cree?셲 High Performance
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com