Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3050-0000-000N00X40E5 Datasheet(PDF) 4 Page - Cree, Inc

Part # CXA3050-0000-000N00X40E5
Description  LED array expands Crees family of high flux, multi die integrated arrays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3050-0000-000N00X40E5 Datasheet(HTML) 4 Page - Cree, Inc

  CXA3050-0000-000N00X40E5 Datasheet HTML 1Page - Cree, Inc CXA3050-0000-000N00X40E5 Datasheet HTML 2Page - Cree, Inc CXA3050-0000-000N00X40E5 Datasheet HTML 3Page - Cree, Inc CXA3050-0000-000N00X40E5 Datasheet HTML 4Page - Cree, Inc CXA3050-0000-000N00X40E5 Datasheet HTML 5Page - Cree, Inc CXA3050-0000-000N00X40E5 Datasheet HTML 6Page - Cree, Inc CXA3050-0000-000N00X40E5 Datasheet HTML 7Page - Cree, Inc CXA3050-0000-000N00X40E5 Datasheet HTML 8Page - Cree, Inc CXA3050-0000-000N00X40E5 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
4
XLamp CXa3050 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
cct
range
cri
base order codes
min. luminous flux
@ 1400 ma
2-step order code
4-step order code
min typ
group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
4000 K
70
75
W4
5225
5888
40H
CXA3050-0000-000N00W440H
40F
CXA3050-0000-000N00W440F
X2
5590
6299
CXA3050-0000-000N00X240H
CXA3050-0000-000N00X240F
X4
6010
6773
CXA3050-0000-000N00X440H
CXA3050-0000-000N00X440F
80
---
W2
4860
5477
40H
CXA3050-0000-000N0HW240H
40F
CXA3050-0000-000N0HW240F
W4
5225
5888
CXA3050-0000-000N0HW440H
CXA3050-0000-000N0HW440F
X2
5590
6299
CXA3050-0000-000N0HX240H
CXA3050-0000-000N0HX240F
90
95
v2
4230
4767
40H
CXA3050-0000-000N0Uv240H
40F
CXA3050-0000-000N0Uv240F
v4
4545
5122
CXA3050-0000-000N0Uv440H
CXA3050-0000-000N0Uv440F
W2
4860
5477
CXA3050-0000-000N0UW240H
CXA3050-0000-000N0UW240F
3500 K
80
---
W2
4860
5477
35H
CXA3050-0000-000N00W235H
35F
CXA3050-0000-000N00W235F
W4
5225
5888
CXA3050-0000-000N00W435H
CXA3050-0000-000N00W435F
X2
5590
6299
CXA3050-0000-000N00X235H
CXA3050-0000-000N00X235F
93
95
v2
4230
4767
35H
CXA3050-0000-000N0Yv235H
35F
CXA3050-0000-000N0Yv235F
v4
4545
5122
CXA3050-0000-000N0Yv435H
CXA3050-0000-000N0Yv435F
W2
4860
5477
CXA3050-0000-000N0YW235H
CXA3050-0000-000N0YW235F
3000 K
80
---
W2
4860
5477
30H
CXA3050-0000-000N00W230H
30F
CXA3050-0000-000N00W230F
W4
5225
5888
CXA3050-0000-000N00W430H
CXA3050-0000-000N00W430F
X2
5590
6299
CXA3050-0000-000N00X230H
CXA3050-0000-000N00X230F
93
95
U4
3955
4469
30H
CXA3050-0000-000N0YU430H
30F
CXA3050-0000-000N0YU430F
v2
4230
4767
CXA3050-0000-000N0Yv230H
CXA3050-0000-000N0Yv230F
v4
4545
5122
CXA3050-0000-000N0Yv430H
CXA3050-0000-000N0Yv430F
2700 K
80
---
v4
4545
5122
27H
CXA3050-0000-000N00v427H
27F
CXA3050-0000-000N00v427F
W2
4860
5477
CXA3050-0000-000N00W227H
CXA3050-0000-000N00W227F
W4
5225
5888
CXA3050-0000-000N00W427H
CXA3050-0000-000N00W427F
93
95
U2
3680
4158
27H
CXA3050-0000-000N0YU227H
27F
CXA3050-0000-000N0YU227F
U4
3955
4469
CXA3050-0000-000N0YU427H
CXA3050-0000-000N0YU427F
v2
4230
4767
CXA3050-0000-000N0Yv227H
CXA3050-0000-000N0Yv227F
fluX characteristics, easyWhite order codes and bins (i
f = 1400 ma, tJ = 85 °c) -
continued


Similar Part No. - CXA3050-0000-000N00X40E5

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3050 SONY-CXA3050 Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
CXA3050M SONY-CXA3050M Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
More results

Similar Description - CXA3050-0000-000N00X40E5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com