Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-8002JF-PT Datasheet(PDF) 2 Page - EPCOS

Part # SG-8002JF-PT
Description  CRYSTAL OSCILLATOR PROGRAMMABLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SG-8002JF-PT Datasheet(HTML) 2 Page - EPCOS

  SG-8002JF-PT Datasheet HTML 1Page - EPCOS SG-8002JF-PT Datasheet HTML 2Page - EPCOS SG-8002JF-PT Datasheet HTML 3Page - EPCOS SG-8002JF-PT Datasheet HTML 4Page - EPCOS SG-8002JF-PT Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Crystal oscillator
E125.0C
SC181A
3.2
0.2
2.2
#2
#1
#2
#4
#3
#3
0.9
#1
#4
1.4
2.4
#1
#2
#3
#4
C (ex.0.01 µF)
Resist
SG-8002CE
Ceramic SON 4pin 3.2x2.5x1.05 mm
SG-8002LB
SOJ 4pin 5.0x3.2x1.2 mm
(0.35)
2.5
(0.35)
0.1
5.0
0.2
#2
#3
#1
#4
E 125.0B
FCC21A
2.54
1.0
0min.
2.54
1.6
Metal may be exposed on the
top or bottom of this product.
This will not affect any quality,
reliability or electrical spec.
SG-8002CA
Ceramic SON 4pin 7.0x5.0x1.4 mm
5.08
#4
#3
#2
#1
1.4
7.0
±0.2
#1
#2
#3
#4
E 125.000
PHC935C
5.08
C
(ex. 0.01
μF)
5.08
1.8
Resist
SG-8002JF
SOJ 4pin 7.1x5.1x1.5 mm
5.08
0.4
0 Min.
(0.75)
(0.75)
3.8
7.1±0.2
E 125.00C
2PH 9245A
#1
#2
#3
#4
C
(ex. 0.01
μF)
5.08
1.8
Resist
Metal may be exposed on the top
or bottom of this product. This will
not affect any quality, reliability or
electrical spec.
To maintain stable operation, provide a
0.01uF to 0.1uF by-pass capacitor at a loca-
tion as near as possible to the power source
terminal of the crystal product (between Vcc -
GND).
Pin map
Pin
Connection
1
OE or ST
2
GND
3
OUT
4
VCC
Note.
OE Pin (PT, PH, PC)
OE Pin = "H" or "open": Specified frequency output.
OE Pin = "L": Output is high impedance.
ST Pin (ST, SH, SC)
ST Pin = "H" or "open": Specified frequency output.
ST Pin = "L": Output is low level (weak pull - down), oscillation
stops.
External dimensions and Recommended footprint
(Unit:mm)


Similar Part No. - SG-8002JF-PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-8002JF ETC-SG-8002JF Datasheet
64Kb / 1P
   Wide frequency output by PLL technology.
logo
Epson ToYoCom
SG-8002JF EPSONTOYOCOM-SG-8002JF Datasheet
569Kb / 4P
   CRYSTAL OSCILLATOR
More results

Similar Description - SG-8002JF-PT

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG-8101CGA EPSON-SG-8101CGA Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
logo
Renesas Technology Corp
IDT8N4S271 RENESAS-IDT8N4S271 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
logo
NIHON DEMPA KOGYO
2775Y NDK-2775Y Datasheet
90Kb / 1P
   Crystal Clock Oscillator Programmable Type
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
logo
Renesas Technology Corp
IDT8N3S270 RENESAS-IDT8N3S270 Datasheet
1Mb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
IDT8N3S270EC-1103 RENESAS-IDT8N3S270EC-1103 Datasheet
1Mb / 16P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com