Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2540-0000-000N00V440F Datasheet(PDF) 6 Page - Cree, Inc

Part # CXA2540-0000-000N00V440F
Description  Retail Track Light Reference Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2540-0000-000N00V440F Datasheet(HTML) 6 Page - Cree, Inc

Back Button CXA2540-0000-000N00V440F Datasheet HTML 2Page - Cree, Inc CXA2540-0000-000N00V440F Datasheet HTML 3Page - Cree, Inc CXA2540-0000-000N00V440F Datasheet HTML 4Page - Cree, Inc CXA2540-0000-000N00V440F Datasheet HTML 5Page - Cree, Inc CXA2540-0000-000N00V440F Datasheet HTML 6Page - Cree, Inc CXA2540-0000-000N00V440F Datasheet HTML 7Page - Cree, Inc CXA2540-0000-000N00V440F Datasheet HTML 8Page - Cree, Inc CXA2540-0000-000N00V440F Datasheet HTML 9Page - Cree, Inc CXA2540-0000-000N00V440F Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
XLAMP CXA2530/CXA2540 RETAIL TRACK LIGHT REFERENCE DESIGN
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
and EasyWhite™ is a trademark of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales
at sales@cree.com.
3. ESTImATE EffIcIENcIES Of ThE OpTIcAL, ThERmAL & ELEcTRIcAL SYSTEmS
we used Cree’s Product Characterization Tool (PCT) tool to determine the drive current for the design.5 Figure 1 shows
basic electrical data and optical output from the PCT. We estimated 90% optical efficiency, 85% driver efficiency and a
solder point temperature (T
SP) of 70 °C.
figure 1: pcT output with cXA2530 flux data
The PCT output shows that, at 1 A, a single XLamp CXA2530 LED produces the desired lumen output and efficacy.
Thermal Requirements
Proper thermal management is a key component of any successful LeD-based lamp or luminaire design. operating at
42 w of power in this retail track light design, the XLamp CXA2530 LeD requires a heat sink to dissipate this thermal
load. The heat sink in this design must not only dissipate the heat generated by the LeD, but also provide the mechanical
frame for the LED, optic, driver and base. We used a market-ready heat sink/housing assembly, shown in Figure 2.6 The
heat sink is made of anodized aluminum alloy, AA 6063, and is part of a kit that includes a cover glass, screw-on base
and front optic cover ring.
figure 2: CXA2530 retail track light heat sink/housing assembly
5
PCT is available at: pct.cree.com
6
model GD120-01, Losiwang, www.loswan.cn
1
LED System Comparison Report
System:
3,000
90%
87%
Model
Model
Model
Flux
T2 [3200]
Tsp (ºC)
70
Flux
Tj (ºC)
25
Flux
Tj (ºC)
25
Price
-
$
Price
-
$
Price
-
$
SYS # LED SYS lm tot
SYS W
SYS lm/W
0.900
1
3073.91
37.617
81.7
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.950
1
3184.98
39.959
79.7
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
1.000
1
3290.86
42.326
77.8
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
1.100
1
3483.93
47.126
73.9
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
1.200
1
3653.5
52.025
70.2
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.000
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets available at www.cree.com.
Copyright © 2009-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
Target Lumens :
Optical Efficiency:
Electrical Efficiency:
LED 1
LED 2
LED 3
Cree XLamp CXA2530 {EZW}
(none)
(none)


Similar Part No. - CXA2540-0000-000N00V440F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540-0000-000N00V440F CREE-CXA2540-0000-000N00V440F Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
More results

Similar Description - CXA2540-0000-000N00V440F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP70 CREE-CLD-AP70 Datasheet
948Kb / 11P
   Cree/NXP Task Light Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com