Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10100CT Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # MBR10100CT
Description  Lower power losses, high efficiency
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR10100CT Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  MBR10100CT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR10100CT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBR10100CT Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MBR10100CT Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MBR1090CT, MBR10100CT
www.kersemi.com
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
0.415 (10.54) MAX.
0.635 (16.13)
0.625 (15.87)
PIN
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.104 (2.65)
0.096 (2.45)
0.205 (5.20)
0.195 (4.95)
0.035 (0.90)
0.028 (0.70)
0.154 (3.91)
0.148 (3.74)
1
3
2
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)


Similar Part No. - MBR10100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR10100CT DIODES-MBR10100CT Datasheet
64Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
logo
Taiwan Semiconductor Co...
MBR10100CT TSC-MBR10100CT Datasheet
201Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Shanghai Lunsure Electr...
MBR10100CT CHENYI-MBR10100CT Datasheet
243Kb / 2P
   10Amp schottky barrier rectifier 80-100 volts
logo
Foshan Blue Rocket Elec...
MBR10100CT FOSHAN-MBR10100CT Datasheet
840Kb / 6P
   Schottky Barrier Diode in a TO-220 Plastic Package
logo
Vishay Siliconix
MBR10100CT VISHAY-MBR10100CT Datasheet
134Kb / 5P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 26-Apr-10
More results

Similar Description - MBR10100CT

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRLML0030TR UMW-IRLML0030TR Datasheet
444Kb / 8P
   Lower switching losses
IRFML8244TR UMW-IRFML8244TR Datasheet
474Kb / 8P
   Lower switching losses
logo
Shenzhen Huazhimei Semi...
HM20N120TB HMSEMI-HM20N120TB Datasheet
813Kb / 8P
   KEDA PT IGBTs offer lower losses and higher energy efficiency for application
HM20N120AB HMSEMI-HM20N120AB Datasheet
804Kb / 8P
   KEDA PT IGBTs offer lower losses and higher energy efficiency for application
HM20N120T HMSEMI-HM20N120T Datasheet
968Kb / 9P
   H&M NPT IGBTs offer lower losses and higher energy
logo
STMicroelectronics
STL13DP10F6 STMICROELECTRONICS-STL13DP10F6 Datasheet
592Kb / 14P
   Low gate drive power losses
May 2014 Rev 2
logo
Fairchild Semiconductor
AN-7017 FAIRCHILD-AN-7017 Datasheet
772Kb / 5P
   Reducing Power Losses in MOSFETs
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
logo
STMicroelectronics
STS20N3LLH6 STMICROELECTRONICS-STS20N3LLH6 Datasheet
548Kb / 13P
   Low gate drive power losses
STD35N3LH5 STMICROELECTRONICS-STD35N3LH5 Datasheet
872Kb / 15P
   Low gate drive power losses
May 2011 Rev 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com