Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32926C3335M189 Datasheet(PDF) 5 Page - EPCOS

Part # B32926C3335M189
Description  Film Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32926C3335M189 Datasheet(HTML) 5 Page - EPCOS

  B32926C3335M189 Datasheet HTML 1Page - EPCOS B32926C3335M189 Datasheet HTML 2Page - EPCOS B32926C3335M189 Datasheet HTML 3Page - EPCOS B32926C3335M189 Datasheet HTML 4Page - EPCOS B32926C3335M189 Datasheet HTML 5Page - EPCOS B32926C3335M189 Datasheet HTML 6Page - EPCOS B32926C3335M189 Datasheet HTML 7Page - EPCOS B32926C3335M189 Datasheet HTML 8Page - EPCOS B32926C3335M189 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
x Preferred type
MOQ = Minimum Order Quantity, consisting of 4 packing units.
For new design, please refer to the B3292xE/F data sheet.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
(Closer tolerances on request)
27.5
0.68
11.0
× 19.0 × 31.5 B32924C3684+***
1400
1280
1.0
11.0
× 19.0 × 31.5 B32924C3105+***
1400
1280
1.5
12.5
× 21.5 × 31.5 B32924C3155+*** x
1200
1120
2.2
14.0
× 24.5 × 31.5 B32924C3225+***
1040
3.3
16.0
× 32.0 × 31.5 B32924D3335K***
880
3.3
18.0
× 27.5 × 31.5 B32924C3335M***
800
4.7
18.0
× 33.0 × 31.5 B32924C3475M***
800
4.7
21.0
× 31.0 × 31.5 B32924D3475K***
720
5.6
22.0
× 36.5 × 31.5 B32924C3565+***
784
37.5
2.2
14.0
× 25.0 × 41.5 B32926C3225+***
1380
3.3
16.0
× 28.5 × 41.5 B32926C3335+***
800
3.9
16.0
× 28.5 × 41.5 B32926C3395+***
800
4.7
18.0
× 32.5 × 41.5 B32926C3475+***
720
5.6
18.0
× 32.5 × 41.5 B32926C3565+***
720
6.8
20.0
× 39.5 × 41.5 B32926C3685+***
640
8.2
20.0
× 39.5 × 41.5 B32926C3825+***
640
10
28.0
× 42.5 × 41.5 B32926C3106+***
440
15
30.0
× 45.0 × 42.0 B32926C3156M***
200
15
33.0
× 48.0 × 42.0 B32926D3156+***
180
52.5
20
30.0
× 45.0 × 57.5 B32928C3206+***
280
25
35.0
× 50.0 × 57.5 B32928C3256+***
108
30
35.0
× 50.0 × 57.5 B32928C3306M***
108
For the following types the safety approvals are pending:
B32926C3156M000, B32926D3156K000, B32926D3156M000
B32928C3206K000, B32928C3206M000, B32928C3256K000, B32928C3256M000,
B32928C3306M000
B32921C/D ... B32928C/D
X2 / 305 V AC
Page 5 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32926C3335M189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32926C3335M189 EPCOS-B32926C3335M189 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32926C3335M189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com