Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41303J9158M000 Datasheet(PDF) 7 Page - EPCOS

Part # B41303J9158M000
Description  Snap-In Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41303J9158M000 Datasheet(HTML) 7 Page - EPCOS

Back Button B41303J9158M000 Datasheet HTML 3Page - EPCOS B41303J9158M000 Datasheet HTML 4Page - EPCOS B41303J9158M000 Datasheet HTML 5Page - EPCOS B41303J9158M000 Datasheet HTML 6Page - EPCOS B41303J9158M000 Datasheet HTML 7Page - EPCOS B41303J9158M000 Datasheet HTML 8Page - EPCOS B41303J9158M000 Datasheet HTML 9Page - EPCOS B41303J9158M000 Datasheet HTML 10Page - EPCOS B41303J9158M000 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
216 10/02
Standard 85 °C
B41303 / B43303
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
I~max
100 Hz
40
°C
A
I~R1)
100 Hz
85
°C
A
Ordering code2)
B41303
10
10 000
22
× 30
66
59
4,7
1,8
B41303A3109M000
10 000
25
× 25
66
59
4,7
1,8
B41303J3109M000
15 000
22
× 35
54
49
5,6
2,2
B41303B3159M000
15 000
25
× 30
54
49
5,6
2,2
B41303J3159M000
22 000
25
× 40
46
43
6,7
2,6
B41303A3229M000
22 000
30
× 30
46
43
6,7
2,6
B41303J3229M000
33 000
30
× 35
41
39
7,3
2,8
B41303B3339M000
47 000
30
× 45
38
36
8,3
3,2
B41303B3479M000
16
6 800
22
× 30
71
59
4,5
1,8
B41303A4688M000
6 800
25
× 25
71
59
4,5
1,8
B41303J4688M000
10 000
22
× 35
58
52
5,2
2,0
B41303B4109M000
10 000
25
× 30
58
52
5,2
2,0
B41303J4109M000
15 000
25
× 40
49
45
6,4
2,5
B41303A4159M000
15 000
30
× 30
49
45
6,4
2,5
B41303J4159M000
22 000
30
× 35
43
40
7,3
2,8
B41303B4229M000
33 000
30
× 45
39
37
8,1
3,1
B41303B4339M000
25
4 700
22
× 30
77
67
4,4
1,7
B41303A5478M000
4 700
25
× 25
77
67
4,4
1,7
B41303J5478M000
6 800
22
× 35
62
56
4,9
1,9
B41303B5688M000
6 800
25
× 30
62
56
4,9
1,9
B41303J5688M000
10 000
25
× 35
52
48
5,5
2,3
B41303B5109M000
10 000
30
× 30
52
48
5,5
2,3
B41303J5109M000
15 000
30
× 35
45
42
7,0
2,7
B41303B5159M000
22 000
30
× 45
40
38
8,1
3,1
B41303B5229M000
Preferred types
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 213.


Similar Part No. - B41303J9158M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41303J9158M000 EPCOS-B41303J9158M000 Datasheet
318Kb / 14P
   Snap-In Capacitors
More results

Similar Description - B41303J9158M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com