Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6318029-3 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 6318029-3
Description  Stacking Height Guide for Parallel Board-to-Board Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6318029-3 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 6318029-3 Datasheet HTML 4Page - Tyco Electronics 6318029-3 Datasheet HTML 5Page - Tyco Electronics 6318029-3 Datasheet HTML 6Page - Tyco Electronics 6318029-3 Datasheet HTML 7Page - Tyco Electronics 6318029-3 Datasheet HTML 8Page - Tyco Electronics 6318029-3 Datasheet HTML 9Page - Tyco Electronics 6318029-3 Datasheet HTML 10Page - Tyco Electronics 6318029-3 Datasheet HTML 11Page - Tyco Electronics 6318029-3 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
33
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
0.6mm Free Height GIGA Plugs, 0.6 [.024] Pitch
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
4H (4mm), 5H (5mm),
6H (6mm), 7H (7mm),
8H (8mm) and 12H (12mm)
Note: All GIGA plugs include ground
plates that mate with receptacles with
common ground contacts..
Material and Finish
Housing — High temperature
thermoplastic, 94V-0 rated
Contacts — Copper alloy; duplex
plated 0.00020 [.000008] min. gold on
contact area, 0.00100 [.000039] min.
tin on solder area, with entire contact
underplated 0.00130 [.000051] min.
nickel
Ground Plates — Phosphor bronze,
plated 0.00300-0.00500 [.000120-
.000200] tin over 0.00050 [.000020]
copper
Related Product Data
Performance Characteristics —
page 27
Stacking Height Combinations—
page 28
Mating Receptacles —
pages 30, 31, & 34
PC Board Layout — pages 23 & 24
Technical Documents (page 113)
Product Specification
108-5468
Section A - A
(Signal Position)
Section B - B
(Ground Position)
Dimensions
Part Numbers
Stacking
No. of
Tray
Tape
Height
Positions
ABC
D
E
Packaged
Packaged
14.4
17.0
21.7
17.6
3.45
50
.567
.669
.854
.693
.136
5316076-3
20.4
23.0
27.7
23.6
3.45
70
.803
.906
1.091
.929
.136
5-5353184-5
4H
41.4
44.0
48.7
44.6
3.45
140
1.630
1.732
1.917
1.756
.136
1-5316076-0
1-5353184-0
47.4
50.0
54.7
50.6
3.45
160
1.866
1.969
2.154
1.992
.136
1-5316559-1
47.4
50.0
54.7
50.6
4.45
5H
160
1.866
1.969
2.154
1.992
.175
1-5353471-1
23.4
26.0
30.7
26.6
5.45
80
.921
1.024
1.209
1.047
.215
5353186-6
6H
41.4
44.0
48.7
44.6
5.45
140
1.630
1.732
1.917
1.756
.215
1-5353186-0
23.4
26.0
30.7
26.6
6.45
80
.921
1.024
1.209
1.047
.254
5353831-6
7H
41.4
44.0
48.7
44.6
6.45
140
1.630
1.732
1.917
1.756
.254
1-5353831-0
41.4
44.0
48.7
44.6
7.45
8H
140
1.630
1.732
1.917
1.756
.293
1-5353188-0
47.4
50.0
54.7
50.6
7.45
160
1.866
1.969
2.154
1.992
.293
1-5316562-1
1-5353188-1
41.4
44.0
48.7
44.6
11.25
12H
140
1.630
1.732
1.917
1.756
.443
6473225-1
Note: Part Numbers are RoHS compliant.
C
D
E
0.6
[.024]
0.3 [.012]
Typ.
Typ.
Position
No. 1
4.2
[.165]
6.2
[.244]
0.6
[.024]
2 Plc.
0.2
[.008]
B
A
B
B
A
A
C
L
6.0
[.236]
6.0
[.236]


Similar Part No. - 6318029-3

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6318 ALPHAWIRE-6318 Datasheet
76Kb / 2P
   Component 1 4 X 1 PAIR
logo
List of Unclassifed Man...
6318-45 ETC2-6318-45 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6318-47 ETC2-6318-47 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6318-49 ETC2-6318-49 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6318-50 ETC2-6318-50 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 6318029-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5120532-1 MACOM-5120532-1 Datasheet
260Kb / 7P
   Stacking Height Guide for Parallel Board-to-Board Applications
5177984-6 MACOM-5177984-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
421686 MACOM-421686 Datasheet
327Kb / 9P
   Stacking Height Guide for Parallel Board-to-Board Applications
5179030-5 MACOM-5179030-5 Datasheet
418Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5-5179010-2 MACOM-5-5179010-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
   Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com