Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-5353183-0 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 1-5353183-0
Description  Stacking Height Guide for Parallel Board-to-Board Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-5353183-0 Datasheet(HTML) 5 Page - Tyco Electronics

  1-5353183-0 Datasheet HTML 1Page - Tyco Electronics 1-5353183-0 Datasheet HTML 2Page - Tyco Electronics 1-5353183-0 Datasheet HTML 3Page - Tyco Electronics 1-5353183-0 Datasheet HTML 4Page - Tyco Electronics 1-5353183-0 Datasheet HTML 5Page - Tyco Electronics 1-5353183-0 Datasheet HTML 6Page - Tyco Electronics 1-5353183-0 Datasheet HTML 7Page - Tyco Electronics 1-5353183-0 Datasheet HTML 8Page - Tyco Electronics 1-5353183-0 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
30
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
0.6mm Free Height Receptacles, 0.6 [.024] Pitch
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
4H (4mm)
Note: All receptacles include common
ground contacts that mate with standard
plug assemblies or GIGA plug assem-
blies with ground plates.
Material and Finish
Housing — High temperature
thermoplastic, 94V-0 rated
Signal Contacts — Copper alloy;
duplex plated 0.00020 [.000008] min.
gold on contact area, 0.00005 [.000002]
min. gold on solder area, with entire
contact underplated 0.00130 [.000051]
min. nickel
Ground Contacts — Copper alloy;
duplex plated 0.00020 [.000008] min.
gold on contact area, 0.00100 [.000039]
min. tin on solder area, with entire
contact underplated 0.00130 [.000051]
min. nickel
Related Product Data
Performance Characteristics —
page 27
Stacking Height Combinations —
page 28
Mating Plugs — pages 32, 33 & 35
PC Board Layout — pages 36 & 37
Technical Documents (page 113)
Product Specification
108-5468
Dimensions
Part Numbers
Stacking
No. of
Tray
Tape
Height
Positions
ABCD
Packaged
Packaged
14.4
17.0
21.7
17.6
50
.567
.669
.854
.693
5316077-3
5353190-3
20.4
23.0
27.7
23.6
70
.803
.906
1.091
.929
5-5353190-5
23.4
26.0
30.7
26.6
4H
80
.921
1.024
2.087
1.047
5316560-6
5353190-6
29.4
32.0
36.7
32.6
100
1.158
1.260
1.445
1.284
5353190-8
41.4
44.0
48.7
44.6
140
1.630
1.732
1.917
1.756
1-5316077-0
1-5353190-0
47.4
50.0
54.7
50.6
160
1.866
1.969
2.154
1.992
1-5316560-1
Note: Free Height (FH) receptacles for 8H (8mm) and 12H (12mm) stacking height are shown on page 31.
Part Numbers are RoHS compliant.
Section A - A
(Ground Position)
Section B - B
(Signal Position)
C
D
0.15
[.006]
Typ.
Position
No. 1
0.6
[.024]
Typ.
0.6
[.024]
2 Plc.
6.2
[.244]
2.4
[.094]
6.0
[.236]
6.0
[.236]
0.9
[.035]
0.9
[.035]
0.9
[.035]
0.9
[.035]
3.25
[.128]
0.3
[.012]
B
B
B
A
A
A
C
L


Similar Part No. - 1-5353183-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-5353187-0 MACOM-1-5353187-0 Datasheet
250Kb / 2P
   EMBOSS ASSY
1-5353187-1 MACOM-1-5353187-1 Datasheet
250Kb / 2P
   EMBOSS ASSY
More results

Similar Description - 1-5353183-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5120532-1 MACOM-5120532-1 Datasheet
260Kb / 7P
   Stacking Height Guide for Parallel Board-to-Board Applications
5177984-6 MACOM-5177984-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
421686 MACOM-421686 Datasheet
327Kb / 9P
   Stacking Height Guide for Parallel Board-to-Board Applications
5179030-5 MACOM-5179030-5 Datasheet
418Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5-5179010-2 MACOM-5-5179010-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
   Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com