Electronic Components Datasheet Search
  English  ā–¼

Delete All
ON OFF


2NT91-21 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part No. 2NT91-21
Description  Interactive Catalog Supplements Catalog PDFs
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONEYWELL [Honeywell Solid State Electronics Center]
Homepage  http://honeywell.com/Pages/Home.aspx
Logo 

   
 7 page
background image
Manual Switches
NT Series
Flat Base Sealed Toggles
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
113
NT 2-POSITION ORDER GUIDE
Circuits Made At:
No. of
Poles
Keyway
Position
Opposite
Keyway
UL Rating
Code
Electrical
Rating Code
Catalog
Listing
Toggle Q-C
OFF
2-3
L191
1
31NT91-2
1
1-2
2-3
L191
1
31NT91-3
OFF**
2-3
L192
2
31NT91-4
1-2**
OFF
L192
2
31NT91-6
1-2**
2-3
L192
2
31NT91-8
OFF
2-3, 5-6
L191
3
32NT91-2
2
1-2, 4-5
2-3, 5-6
L191
3
32NT91-3
OFF**
2-3, 4-6
L192
4
32NT91-4
1-2, 4-5**
OFF
L192
4
32NT91-6
1-2, 4-5**
2-3, 4-6
L192
4
32NT91-8
NT 3-POSITION ORDER GUIDE
Circuits Made At:
No. of
Poles
Keyway
Position
Center
Position
Opposite
Keyway
UL Rating
Code
Electrical
Rating
Code
Catalog
Listing
Toggle Q-C
1-2
OFF
2-3
L191
1
31NT91-1
1
1-2**
OFF
2-3
L192
2
31NT91-5
1-2**
OFF
2-3**
L192
2
31NT91-7
NONE***
OFF
2-3
L191
1
31NT91-21
NONE***
1-2
2-3
L191
1
31NT91-31
NONE***
1-2
2-3**
L192
2
31NT91-51
1-2**
OFF
NONE***
L192
2
31NT91-61
1-2, 4-5
OFF
2-3, 5-6
L191
3
32NT91-1
2
1-2, 4-5**
OFF
2-3, 5-6
L192
4
32NT91-5
1-2, 4-5**
OFF
2-3, 5-6**
L192
4
32NT91-7
NONE***
OFF
2-3, 5-6
L191
3
32NT91-21
NONE***
1-2, 4-5
2-3, 5-6
L191
3
32NT91-31
NONE***
1-2, 4-5
2-3, 5-6**
L192
4
32NT91-51
1-2, 4-5**
OFF
NONE***
L192
4
32NT91-61
1-2, 4-5
2-3, 4-5
2-3, 5-6
L191
3
32NT91-12
1-2, 4-5
1-2, 5-6
2-3, 5-6
L191
3
32NT91-10
1-2, 4-5**
1-2, 5-6
2-3, 5-6
L192
4
32NT91-50
1-2, 4-5**
1-2, 5-6
2-3, 5-6**
L192
4
32NT91-70
** These positions are momentary. All others are maintained.
*** Toggle lever is blocked from these positions. Toggle becomes 2-position, with center being one extreme
position.
MATING CONNECTORS ORDER GUIDE
Description
Catalog Listing
2-pole connector
19PA168-NT
1-pole connector, same package size as 2-pole connector
19PA169-NT
LOCKING CONFIGURATIONS
AB
DE
F
G
H
Locked In
Locked Out Of
Center and
Locked Out
Locked In
Locked In
Center And
Locked In
Extreme Position
Of Center
Locked In
Extreme Position
Extreme Position
Extreme Position
Three Positions
(Keyway Side)
Position
Center Position
(Opposite Keyway)
(Keyway Side)
(Keyway Side)
JK
L
M
N
P
Locked Out Of
Locked In
Locked Out Of
Locked Out Of
Center And
Center And
Locked Out Of
And Into
Locked Out Of
And Into
Extreme Position
Extreme Position
Extreme Position
Extreme Position
Extreme Position
Extreme Position
(Opposite Keyway)
(Opposite Keyway)
(Keyway Side)
(Opposite Keyway)
(Opposite Keyway)
(Keyway Side)




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl