Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1461491-3 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 1461491-3
Description  Qualification Test Report
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1461491-3 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 1461491-3 Datasheet HTML 5Page - Tyco Electronics 1461491-3 Datasheet HTML 6Page - Tyco Electronics 1461491-3 Datasheet HTML 7Page - Tyco Electronics 1461491-3 Datasheet HTML 8Page - Tyco Electronics 1461491-3 Datasheet HTML 9Page - Tyco Electronics 1461491-3 Datasheet HTML 10Page - Tyco Electronics 1461491-3 Datasheet HTML 11Page - Tyco Electronics 1461491-3 Datasheet HTML 12Page - Tyco Electronics 1461491-3 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Qualification Test Report
501-79817
Rev. A1
9 of 40
Dielectric voltage withstanding test
資-45628
1.試験条件
Data No.:45628
1.Test conditions
1-1. 試験リレー
1-1.Sample
;PCN-D3M TYPE
1-2. 測定箇所
1-2.Test parts
;(1)between open contacts
;(2)between coil to contact
1-3. 測定条件
1-3.Measurement conditions
;50Hz
;by gradually rise up method (Leak current : 1mA)
1-4. 周囲温度
; 常温(特に空調をしていない雰囲気)
1-4.Ambient temperature
;Standard atmospheric conditions
1-5. 試   料
; n=10
1-5.Amount of asmple
;n=10
1-6. 試験装置
; 耐圧試験器(TOS5051,TOS8700)
1-6.Measurement instrument
;Withstanding Voltage Tester(TOS5051, TOS8700)
2.データ
2.Data
2-1. 同極接点間(VAC)
2-2. コイル-接点間(VAC)
2-1.between open contacts (VAC)
2-2.between coil to contact (VAC)
コイル端子-可動端子
コイル端子-固定端子
Coil - Movable terminal
Coil - Stationary terminal
リレーNO. NG電圧
リレーNO.
NG電圧
リレーNO.
NG電圧
Relay No. NG voltage
Relay No. NG voltage
Relay No. NG voltage
1
1,620
1
4,890
1
5,030
2
1,460
2
4,920
2
4,780
3
1,700
3
5,600
3
4,640
4
1,830
4
5,250
4
4,890
5
1,580
5
5,440
5
5,000
6
1,640
6
4,920
6
4,920
7
1,710
7
5,210
7
4,860
8
1,590
8
5,460
8
4,880
9
1,620
9
5,120
9
4,930
10
1,720
10
4,710
10
5,020
平均
平均
平均
Average
Average
Average
3.Result
判定します。
We could judge that limit values of these relay's withstanding voltage
AC750V for 1 minute (open contacts) and AC4,000V for 1 minute (between coil to contact)
under above test conditions.
; 50Hz(商用電源波形)
  (2)コイル-接点間(可動端子と固定端子短絡)
1,647
5,152
4,895
3. 結  果
  徐昇法による(リーク検知電流 : 1mA)
; (1)同極接点間
耐電圧限界試験
; PCN-D3M タイプ
     同極接点間AC750V 1分間、コイル-接点間AC3,000V1分間は十分保証できると


Similar Part No. - 1461491-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1461491-3 TEC-1461491-3 Datasheet
332Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1461491-3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
GET-30593 CEL-GET-30593 Datasheet
362Kb / 7P
   Qualification Test Report on NE681XX
GET-BC-0004 CEL-GET-BC-0004 Datasheet
606Kb / 20P
   Qualification Test Report on NE292
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
logo
Stanford Microdevices
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
   Reliability Qualification Report
SGA-9189 STANFORD-SGA-9189 Datasheet
448Kb / 5P
   Reliability Qualification Report
logo
Hirose Electric
TR636E-10018 HIROSE-TR636E-10018 Datasheet
846Kb / 40P
   COMPREHENSIVE TEST REPORT
logo
International Rectifier
RDHA710SE10A2S IRF-RDHA710SE10A2S Datasheet
1Mb / 19P
   Neutron Test Report
RDHA710SE10A2F IRF-RDHA710SE10A2F Datasheet
1Mb / 19P
   Neutron Test Report
logo
Infineon Technologies A...
BFS483 INFINEON-BFS483_13 Datasheet
566Kb / 6P
   Qualification report according to AEC-Q101 available
2013-07-25
logo
Kingtronics Internation...
TRIMMING-POTENTIOMETER KINGTRONICS-TRIMMING-POTENTIOMETER Datasheet
378Kb / 3P
   SGS Test Report
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com