Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1461491-4 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1461491-4
Description  Qualification Test Report
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1461491-4 Datasheet(HTML) 3 Page - Tyco Electronics

  1461491-4 Datasheet HTML 1Page - Tyco Electronics 1461491-4 Datasheet HTML 2Page - Tyco Electronics 1461491-4 Datasheet HTML 3Page - Tyco Electronics 1461491-4 Datasheet HTML 4Page - Tyco Electronics 1461491-4 Datasheet HTML 5Page - Tyco Electronics 1461491-4 Datasheet HTML 6Page - Tyco Electronics 1461491-4 Datasheet HTML 7Page - Tyco Electronics 1461491-4 Datasheet HTML 8Page - Tyco Electronics 1461491-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Qualification Test Report
501-79817
Rev. A1
3 of 40
1.7
寿命試験後の判定基準
The judgment standard after endurance test.
弊社規格によります。
Internal standard
判定項目
Judgment Items
試験後規定値
The standard value after endurance test
動作電圧
Pick up voltage
初期規格値の1.2倍以下
1.2 times of initial standard value. (Max.)
復帰電圧
Drop out voltage
初期規格値の0.5倍以上
0.5 times of initial standard value. (Min.)
接触抵抗
Contact resistance
500mΩ以下
500mΩ(Max.)
コイル抵抗
Coil resistance
初期規格下限値の90%から初期規格上限値の110%まで
From minimum standard value of 90% to maximum standard value of 110%.
絶縁抵抗
Insulation resistance
特に規定がない限り1MΩ以上
1MΩ(Min.) otherwise specified.
耐電圧
Dielectric strength
初期規格値の75%以上
75% of initial standard value. (Min.)
動作時間
Operate time
初期規格値の1.2倍以下
1.2 times of the initial value. (Max.)
復帰時間
Release time
初期規格値の2倍以下
Twice of the initial value. (Max.)


Similar Part No. - 1461491-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1461491-4 TEC-1461491-4 Datasheet
332Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1461491-4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
GET-30593 CEL-GET-30593 Datasheet
362Kb / 7P
   Qualification Test Report on NE681XX
GET-BC-0004 CEL-GET-BC-0004 Datasheet
606Kb / 20P
   Qualification Test Report on NE292
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
logo
Stanford Microdevices
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
   Reliability Qualification Report
SGA-9189 STANFORD-SGA-9189 Datasheet
448Kb / 5P
   Reliability Qualification Report
logo
Hirose Electric
TR636E-10018 HIROSE-TR636E-10018 Datasheet
846Kb / 40P
   COMPREHENSIVE TEST REPORT
logo
International Rectifier
RDHA710SE10A2S IRF-RDHA710SE10A2S Datasheet
1Mb / 19P
   Neutron Test Report
RDHA710SE10A2F IRF-RDHA710SE10A2F Datasheet
1Mb / 19P
   Neutron Test Report
logo
Infineon Technologies A...
BFS483 INFINEON-BFS483_13 Datasheet
566Kb / 6P
   Qualification report according to AEC-Q101 available
2013-07-25
logo
Kingtronics Internation...
TRIMMING-POTENTIOMETER KINGTRONICS-TRIMMING-POTENTIOMETER Datasheet
378Kb / 3P
   SGS Test Report
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com