Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-1045 Datasheet(PDF) 2 Page - Cymbet Corporation

Part # AN-1045
Description  EnerChip CC Backup Power for Micro Crystal RV-2123 RTC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

AN-1045 Datasheet(HTML) 2 Page - Cymbet Corporation

  AN-1045 Datasheet HTML 1Page - Cymbet Corporation AN-1045 Datasheet HTML 2Page - Cymbet Corporation AN-1045 Datasheet HTML 3Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AN-1045: EnerChip™ CC Backup Power for RV-2123 RTC
©2011 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
Doc AN-72-1045 Rev C
Page 2 of 3
Circuit Description and Operation
Under normal operation, the RTC derives its power from the main system supply, which might be a large coin
cell, prismatic cell, cylindrical batteries, or indirectly from wall power through a voltage regulator. Because the
EnerChip has very low self-discharge, it needs to be charged only after it has been used in the performance
of its duty as a backup power source or on a very infrequent basis to keep it fully charged when not being
used. To maintain a charge of 90% or greater on the EnerChip when it has not been used as a backup power
source for prolonged periods, the EnerChip needs no more than one hour of charging time per month. Such
a low charging duty cycle would present a negligible parasitic load to the main power source, as the EnerChip
charges quickly and its charging current decays to just tens of nanoamperes when fully charged. The EnerChip
CC controls the EnerChip charging function internally.
When main power is interrupted - as during line power outages or when the main battery is removed for
recharging or replacement, the backup power source provides enough energy to maintain operation of the
real-time clock. In applications where the RTC is connected to a CPU or MCU, it might be necessary to connect
the CBC31xx RESET/ line to the gate of an n-channel FET placed between the CPU/MCU ground pin and system
ground. This configuration ensures that no ESD I/O structures in the CPU/MCU are biased with the interface
bus lines, resulting in a parasitic drain on the EnerChip.
The EnerChip CC is a surface mount device that contains a rechargeable battery with integrated battery
management that performs the charge control, discharge control, threshold voltage detection, and supply
supervisory functions all in one low profile package. It operates over the range of 2.5V to 5.5V and the
switchover threshold voltage is adjustable. A block diagram of the EnerChip CC is shown in Figure 2.
Figure 2. Block diagram of the EnerChip CC Thin Film Battery with Integrated Battery Management
EnerChip CC includes the following functional elements:
Internal charge control circuit that converts a wide range of input voltages to a tightly
regulated battery charging voltage;
Battery cutoff circuit that disconnects the load from the embedded EnerChip when the
discharge voltage reaches a preset limit;
Output pin (RESET/) that can be used to drive an interrupt line on an MCU to indicate that the
system is operating in battery-backed mode;
A voltage detection circuit allowing a user-selectable threshold trip voltage;
A control line that enables and disables the internal charge pump that can be controlled
externally to reduce power consumption when the internal EnerChip does not need to
be charged.


Similar Part No. - AN-1045

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1040 CYMBET-AN-1040 Datasheet
229Kb / 3P
   EVAL Kit GUI Software and TI Firmware Readme
logo
International Rectifier
AN-1040 IRF-AN-1040 Datasheet
208Kb / 13P
   Application Note
logo
Cymbet Corporation
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
   EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
AN-1042 CYMBET-AN-1042 Datasheet
288Kb / 3P
   EnerChip CC Backup Power for Epson RX-8564 Real-Time Clock
AN-1043 CYMBET-AN-1043 Datasheet
277Kb / 3P
   EnerChip CC as Backup Power for a DS1390 Real-Time Clock
More results

Similar Description - AN-1045

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1046 CYMBET-AN-1046 Datasheet
312Kb / 3P
   EnerChip CC as Backup Power for a Microchip MCP79410 RTC
MDP79410 CYMBET-MDP79410 Datasheet
202Kb / 1P
   Microchip MDP79410 RTC Power Backup with EnerChip Battery
AM1803 CYMBET-AM1803 Datasheet
212Kb / 1P
   Ambiq AM1803 RTC Power Backup with EnerChip Battery
AN-1047 CYMBET-AN-1047 Datasheet
293Kb / 3P
   EnerChip CC Real-Time Clock Backup for K60 Microcontroller
RX-8564 CYMBET-RX-8564 Datasheet
205Kb / 1P
   Epson RX-8564 RTC Power Backup with EnerChip Battery
AN-1043 CYMBET-AN-1043 Datasheet
277Kb / 3P
   EnerChip CC as Backup Power for a DS1390 Real-Time Clock
AN-1042 CYMBET-AN-1042 Datasheet
288Kb / 3P
   EnerChip CC Backup Power for Epson RX-8564 Real-Time Clock
AN-1048 CYMBET-AN-1048 Datasheet
283Kb / 3P
   EnerChip CC as Backup Power for a DS1340 Real-Time Clock
AN-1028 CYMBET-AN-1028 Datasheet
349Kb / 3P
   Ultra Low Power MSP430 Backup Using the EnerChip??CC
DS-72-35 CYMBET-DS-72-35 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com