Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1461491-9 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 1461491-9
Description  Qualification Test Report
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1461491-9 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 1461491-9 Datasheet HTML 7Page - Tyco Electronics 1461491-9 Datasheet HTML 8Page - Tyco Electronics 1461491-9 Datasheet HTML 9Page - Tyco Electronics 1461491-9 Datasheet HTML 10Page - Tyco Electronics 1461491-9 Datasheet HTML 11Page - Tyco Electronics 1461491-9 Datasheet HTML 12Page - Tyco Electronics 1461491-9 Datasheet HTML 13Page - Tyco Electronics 1461491-9 Datasheet HTML 14Page - Tyco Electronics 1461491-9 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Qualification Test Report
501-79817
Rev. A1
11 of 40
Operate time distribution
資-45630-1
1.測定条件
Data No.:45630-1
1.Measurement conditions
1-1.測定リレー
1-1.Sample
;PCN-D3M TYPE
1-2.操作電圧
1-2.Operate voltage
;Rated voltage (without diode)
1-3.周囲温度
1-3.Ambient temperature
;Standard atmospheric conditions
1-4.試
; n=100
1-4.Amount of asmple
;n=100
1-5.試験装置
; RPT-Ⅲ
1-5.Measurement instrument
;RPT-Ⅲ
2.データ
2.Data
平均値
X=
4.81
(ms)
Average
標準偏差 S=
0.24
Stdev
3.Result
    動作時間 10ms以下は保証できると判定します。
The specifications of operate time Max.10ms can be guaranteed.
動作時間分布
3. 結  果
; PCN-D3M タイプ
; 定格電圧操作(ダイオード無し)
; 常温
動作時間分布
0
5
10
15
20
25
30
35
4.2
4.6
5
5.4
(ms)
(pcs)
Operate time distribution


Similar Part No. - 1461491-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1461491-9 TEC-1461491-9 Datasheet
332Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1461491-9

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
GET-30593 CEL-GET-30593 Datasheet
362Kb / 7P
   Qualification Test Report on NE681XX
GET-BC-0004 CEL-GET-BC-0004 Datasheet
606Kb / 20P
   Qualification Test Report on NE292
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
logo
Stanford Microdevices
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
   Reliability Qualification Report
SGA-9189 STANFORD-SGA-9189 Datasheet
448Kb / 5P
   Reliability Qualification Report
logo
Hirose Electric
TR636E-10018 HIROSE-TR636E-10018 Datasheet
846Kb / 40P
   COMPREHENSIVE TEST REPORT
logo
International Rectifier
RDHA710SE10A2S IRF-RDHA710SE10A2S Datasheet
1Mb / 19P
   Neutron Test Report
RDHA710SE10A2F IRF-RDHA710SE10A2F Datasheet
1Mb / 19P
   Neutron Test Report
logo
Infineon Technologies A...
BFS483 INFINEON-BFS483_13 Datasheet
566Kb / 6P
   Qualification report according to AEC-Q101 available
2013-07-25
logo
Kingtronics Internation...
TRIMMING-POTENTIOMETER KINGTRONICS-TRIMMING-POTENTIOMETER Datasheet
378Kb / 3P
   SGS Test Report
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com