Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5787169-9 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 5787169-9
Description  AMPLIMITE Subminiature D Connectors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5787169-9 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 5787169-9 Datasheet HTML 6Page - Tyco Electronics 5787169-9 Datasheet HTML 7Page - Tyco Electronics 5787169-9 Datasheet HTML 8Page - Tyco Electronics 5787169-9 Datasheet HTML 9Page - Tyco Electronics 5787169-9 Datasheet HTML 10Page - Tyco Electronics 5787169-9 Datasheet HTML 11Page - Tyco Electronics 5787169-9 Datasheet HTML 12Page - Tyco Electronics 5787169-9 Datasheet HTML 13Page - Tyco Electronics 5787169-9 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
15
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
AMPLIMITE .050 Series Cable Receptacle Connectors, Series III
Materials:
Housing and Covers—
Thermoplastic, 94V-0 rated, black
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. gold on
mating end, tin on termination end, all
underplated nickel
Shell—Steel, plated bright tin over
copper
Recommended wire size—
28 AWG [0.08-0.09mm2] or
30 AWG [0.05mm2], solid or
7 strand, with a .029-.036
[0.74-0.89] insulation diameter.
Technical Documents:
Product Specifications—108-1228
Application Specifications—
114-40029
Shielded Receptacles
Shielded Receptacle
with Assembled
Termination Covers
B
D
.592
[15.04]
Ref.
E
Terminating
Cover
Receptacle
Housing
Receptacle
Shell
.050
[1.27]
Terminating
Cover
Mating Face
Part Numbers
No. of
Dimensions
Connectors With Standard Termination Covers
Pos.
BD
E
Assembled Covers
Unassembled Covers
.950
1.329
.293
40
24.13
33.76
7.44
——
1.200
1.579
.293
50
30.48
40.11
7.44
5749210-5
5749699-5
1.650
2.029
.293
68
41.91
51.54
7.44
5749210-7
5749699-7
2.450
2.829
.373
100
62.23
71.86
9.47
5749699-8
Notes: 1. Receptacle connector requires backshell kit for complete assembly. Refer to pages 16-19 for backshell
kit part numbers.
2. For termination, cover closing and wire lacing tooling, see page 14.
3. For Termination Tooling other than Wire Lacing see pages 28 & 29.


Similar Part No. - 5787169-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5787169-9 MACOM-5787169-9 Datasheet
922Kb / 32P
   AMPLIMITE .050 Series Cable Assemblies, Series III
5787169-9 MACOM-5787169-9 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5787169-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5747843-3 MACOM-5747843-3 Datasheet
978Kb / 37P
   AMPLIMITE Subminiature D Connectors
050 MACOM-050 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
logo
TE Connectivity Ltd
HD-20 TEC-HD-20 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
543424-1 MACOM-543424-1 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com