Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC012-D5C-WP Datasheet(PDF) 3 Page - Cymbet Corporation

Part # CBC012-D5C-WP
Description  Rechargeable Solid State Energy Storage: 12uAh, 3.8V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC012-D5C-WP Datasheet(HTML) 3 Page - Cymbet Corporation

  CBC012-D5C-WP Datasheet HTML 1Page - Cymbet Corporation CBC012-D5C-WP Datasheet HTML 2Page - Cymbet Corporation CBC012-D5C-WP Datasheet HTML 3Page - Cymbet Corporation CBC012-D5C-WP Datasheet HTML 4Page - Cymbet Corporation CBC012-D5C-WP Datasheet HTML 5Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EnerChip™ CBC012 Solid State Energy Storage
©2009-2010Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-02 Rev A
Page 3 of 5
Package Dimensions - 6-pin DFN (package code D5)
Pin Number(s)
Description
1
V-
2,3,4,5
NIC
6
V+
Note: NIC = No Internal Connection
Notes:
1. All linear dimensions are in millimeters.
2. Drawing is subject to change without notice.
Printed Circuit Board (PCB) Layout Guidelines and Recommendations
Electrical resistance of solder flux residue on PCBs can be low enough to partially or fully discharge the backup
energy cell and in some cases can be comparable to the load typically imposed on the cell when delivering
power to an integrated circuit in low power mode. Therefore, solder flux must be thoroughly washed from the
board following soldering.
The PCB layout can make this problem worse if the cell’s positive and negative terminals are routed near each
other and under the package, where it is difficult to wash the flux residue away. An undesirable example is
shown in Figure 1. The negative connection on the EnerChip is routed from the negative pad to a via placed
under the package near the positive pad. In this scenario, solder flux residue can wick from the positive solder
pad, covering both the positive pad and the via. This results in a high resistance current path between the
EnerChip terminals. This current path will make the cell appear to be defective or make the application circuit
appear to be drawing too much current.
To avoid this situation, make sure positive and negative traces are routed outside of the package footprint,
as shown in Figure 2, to ensure that flux residue will not cause a discharge path between the positive and
negative pads.
Similarly, a leakage current path can exist from the package lead solder pads to the exposed die pad on the
underside of the package as well as any solder pad on the PCB that would be connected to that exposed die
pad during the reflow solder process. Therefore, it is strongly recommended that the PCB layout not include a
solder pad in the region where the exposed die pad of the package will land. It is sufficient to place PCB solder
pads only where the package leads will be. That region of the PCB where the exposed die pad will land must
not have any solder pads, traces, or vias.


Similar Part No. - CBC012-D5C-WP

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC012-D5C-WP CYMBET-CBC012-D5C-WP Datasheet
695Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
More results

Similar Description - CBC012-D5C-WP

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC012 CYMBET-CBC012 Datasheet
695Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC050 CYMBET-CBC050 Datasheet
1,001Kb / 4P
   Rechargeable Solid State Energy Storage: 50uAh, 3.8V
DS-72-01 CYMBET-DS-72-01 Datasheet
985Kb / 4P
   Rechargeable Solid State Energy Storage: 50關Ah, 3.8V
CBC005 CYMBET-CBC005 Datasheet
369Kb / 3P
   Rechargeable Energy Storage Device: 5Ah, 3.8V
DS-72-41 CYMBET-DS-72-41 Datasheet
1Mb / 13P
   Rechargeable Solid State Bare Die Batteries
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
logo
Rhombus Industries Inc.
L-14400 RHOMBUS-IND-L-14400 Datasheet
43Kb / 1P
   DC Energy Storage Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com