Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC910-BUC-WP Datasheet(PDF) 3 Page - Cymbet Corporation

Part # CBC910-BUC-WP
Description  Charge Pump and Battery Management ASIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC910-BUC-WP Datasheet(HTML) 3 Page - Cymbet Corporation

  CBC910-BUC-WP Datasheet HTML 1Page - Cymbet Corporation CBC910-BUC-WP Datasheet HTML 2Page - Cymbet Corporation CBC910-BUC-WP Datasheet HTML 3Page - Cymbet Corporation CBC910-BUC-WP Datasheet HTML 4Page - Cymbet Corporation CBC910-BUC-WP Datasheet HTML 5Page - Cymbet Corporation CBC910-BUC-WP Datasheet HTML 6Page - Cymbet Corporation CBC910-BUC-WP Datasheet HTML 7Page - Cymbet Corporation CBC910-BUC-WP Datasheet HTML 8Page - Cymbet Corporation CBC910-BUC-WP Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CBC910
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-11 Rev 5
Page 3 of 14
Preliminary
Pin Number
Label
Description
1
VDD
Positive Supply
2
VBAT
4.1V Charging Source
3
EN
Charge Pump Enable
4
GND
Ground
5
CN
Charge Pump Flying Capacitor (-)
6
CP
Charge Pump Flying Capacitor (-)
7
RESET/
Battery Backup Indicator
8
VOUT
Output
Device Input/Ouput Descriptions
Figure 3: CBC910 Die Pad Designations
VDD
VBAT
ENABLE
VMODE
GND
VOUT
RESET/
CP
CN


Similar Part No. - CBC910-BUC-WP

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC910-BDC-WP CYMBET-CBC910-BDC-WP Datasheet
608Kb / 14P
   Charge Pump and Battery Management ASIC Bare Die
CBC910-BGC-WP CYMBET-CBC910-BGC-WP Datasheet
608Kb / 14P
   Charge Pump and Battery Management ASIC Bare Die
More results

Similar Description - CBC910-BUC-WP

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
DS-72-11 CYMBET-DS-72-11 Datasheet
608Kb / 14P
   Charge Pump and Battery Management ASIC Bare Die
logo
National Semiconductor ...
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
   Battery Charge Management and Regulator Unit
logo
Texas Instruments
LP3918 TI1-LP3918 Datasheet
909Kb / 39P
[Old version datasheet]   Battery Charge Management and Regulator Unit
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
   Battery Charge Management System
logo
Shenzhen Huazhimei Semi...
HM5065 HMSEMI-HM5065 Datasheet
1Mb / 13P
   battery charge management chip
HM4205 HMSEMI-HM4205 Datasheet
637Kb / 9P
   Solar lithium battery charge and discharge management chip
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
LTH7S FUMAN-LTH7S Datasheet
333Kb / 5P
   Charge and Charge Management IC
logo
Texas Instruments
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com