Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC910-D3C Datasheet(PDF) 10 Page - Cymbet Corporation

Part # CBC910-D3C
Description  Charge Pump and Battery Management ASIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC910-D3C Datasheet(HTML) 10 Page - Cymbet Corporation

Back Button CBC910-D3C Datasheet HTML 6Page - Cymbet Corporation CBC910-D3C Datasheet HTML 7Page - Cymbet Corporation CBC910-D3C Datasheet HTML 8Page - Cymbet Corporation CBC910-D3C Datasheet HTML 9Page - Cymbet Corporation CBC910-D3C Datasheet HTML 10Page - Cymbet Corporation CBC910-D3C Datasheet HTML 11Page - Cymbet Corporation CBC910-D3C Datasheet HTML 12Page - Cymbet Corporation CBC910-D3C Datasheet HTML 13Page - Cymbet Corporation CBC910-D3C Datasheet HTML 14Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CBC910
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-11 Rev 5
Page 10 of 14
Preliminary
To determine the battery backup switchover hysteresis for Mode 2 operation, use Figure 7.
Figure 6: MODE 2 Resistor Selection Graph
Figure 7: Mode 2 Hysteresis as a Function of R2/R1
Battery Switchover Threshold Voltage vs. R2/R1
Ratio
0
1
2
3
4
5
6
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1
R2/R1 Ratio
Trip point
Hysteresis in Battery Switchover Threshold
Voltage vs. R2/R1 Ratio
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1 1.1
R2/R1 Ratio
Hysteresis
Battery charging and backup power for 2.5 to 5.5 volt operation is selected by changing the value of R2. To
determine the battery backup switchover point, set the value of R1 to 200kΩ and choose the value of R2
according to Figure 6. For example, to set a 3.0V trip point: If R1=200 kΩ then R2 = R1 x 0.72 = 144kΩ.


Similar Part No. - CBC910-D3C

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC910-BDC-WP CYMBET-CBC910-BDC-WP Datasheet
608Kb / 14P
   Charge Pump and Battery Management ASIC Bare Die
CBC910-BGC-WP CYMBET-CBC910-BGC-WP Datasheet
608Kb / 14P
   Charge Pump and Battery Management ASIC Bare Die
CBC910-WAF CYMBET-CBC910-WAF Datasheet
608Kb / 14P
   Charge Pump and Battery Management ASIC Bare Die
More results

Similar Description - CBC910-D3C

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
DS-72-11 CYMBET-DS-72-11 Datasheet
608Kb / 14P
   Charge Pump and Battery Management ASIC Bare Die
logo
National Semiconductor ...
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
   Battery Charge Management and Regulator Unit
logo
Texas Instruments
LP3918 TI1-LP3918 Datasheet
909Kb / 39P
[Old version datasheet]   Battery Charge Management and Regulator Unit
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
   Battery Charge Management System
logo
Shenzhen Huazhimei Semi...
HM5065 HMSEMI-HM5065 Datasheet
1Mb / 13P
   battery charge management chip
HM4205 HMSEMI-HM4205 Datasheet
637Kb / 9P
   Solar lithium battery charge and discharge management chip
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
LTH7S FUMAN-LTH7S Datasheet
333Kb / 5P
   Charge and Charge Management IC
logo
Texas Instruments
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com