Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC-PV-02 Datasheet(PDF) 1 Page - Cymbet Corporation

Part # CBC-PV-02
Description  2-Series Amorphous Silicon Solar Cell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC-PV-02 Datasheet(HTML) 1 Page - Cymbet Corporation

  CBC-PV-02 Datasheet HTML 1Page - Cymbet Corporation CBC-PV-02 Datasheet HTML 2Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-25 Rev A
Page 1 of 2
Preliminary
2-Series Amorphous Silicon Solar Cell
CBC-PV-02 Photovoltaic Cell
Features
• Amorphous silicon solar cell
• Glass substrate
• 2-series cell configuration
• Compatible with Cymbet’s energy harvesting,
power management, and energy storage
products
• 67.3mm x 26.7mm x 1.1mm dimensions
Description
The CBC-PV-02 photovoltaic cell is a low voltage
amorphous silicon solar cell on a glass substrate.
Typical operating voltage is 0.8V with an output
current of approximately 110µA at 200Lux in
fluorescent light. The CBC-PV-02 is used in low power
systems including wireless sensors and sensor
networks.
The CBC-PV-02 is compatible with Cymbet’s energy
harvesting products including the CBC915 Energy
Processor, CBC-EVAL-09 development kit and
EnerChip solid state rechargeable storage devices.
The CBC-PV-02 operating characteristics are given in
detail in the following table.
Applications
• Energy harvesting systems
• Wireless sensor networks
• Low power radios, microcontrollers, and
sensors
Configurations
• CBC-PV-02 has connector on lead wires
• CBC-PV-02N has no connector attached to
lead wires
Specification
Symbol
Condition
Min
Typ
Max
Units
Open Circuit Voltage
Voc
200Lux FL(1), 25°C
---
1.2
---
V
Short Circuit Current
Isc
200Lux FL(1), 25°C
---
116
---
µA
Operating Voltage and
Operating Current
Vope and
Iope
200Lux FL(1), 25°C
---
0.8
110
---
V
µA
Working Temperature
Tw
---
-10
---
60
°C
Storage Temperature
Ts
---
-20
---
70
°C
Working Illuminance
Range
Lw
---
---
1000
---
Lux
Outside Dimensions
Length
Width
Thickness
---
---
67.3
26.7
1.1
---
mm
(1) FL: White fluorescent light.
CBC-PV-02 Operating Characteristics


Similar Part No. - CBC-PV-02

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC-PV-02N CYMBET-CBC-PV-02N Datasheet
1Mb / 15P
   EnerChip EP Universal Energy Harvester Eval Kit
More results

Similar Description - CBC-PV-02

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC-PV-01 CYMBET-CBC-PV-01 Datasheet
544Kb / 2P
   2-Series Amorphous Silicon Solar Cell
logo
Sanyo Semicon Device
AM-8702 SANYO-AM-8702 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8704 SANYO-AM-8704 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-5812 SANYO-AM-5812 Datasheet
44Kb / 2P
   Amorphous Solar Cell
B283 SANYO-B283 Datasheet
47Kb / 2P
   Amorphous Solar Cell
AM-8706 SANYO-AM-8706 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-5812 SANYO-AM-5812_08 Datasheet
41Kb / 2P
   Amorphous Solar Cell
AM-5813 SANYO-AM-5813 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8801 SANYO-AM-8801 Datasheet
41Kb / 2P
   Amorphous Solar Cell
AM-8701 SANYO-AM-8701 Datasheet
40Kb / 2P
   Amorphous Solar Cell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com