Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC34803-M5C-TR5 Datasheet(PDF) 3 Page - Cymbet Corporation

Part # CBC34803-M5C-TR5
Description  I2C Real-Time Clock/Calendar with Integrated Backup Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34803-M5C-TR5 Datasheet(HTML) 3 Page - Cymbet Corporation

  CBC34803-M5C-TR5 Datasheet HTML 1Page - Cymbet Corporation CBC34803-M5C-TR5 Datasheet HTML 2Page - Cymbet Corporation CBC34803-M5C-TR5 Datasheet HTML 3Page - Cymbet Corporation CBC34803-M5C-TR5 Datasheet HTML 4Page - Cymbet Corporation CBC34803-M5C-TR5 Datasheet HTML 5Page - Cymbet Corporation CBC34803-M5C-TR5 Datasheet HTML 6Page - Cymbet Corporation CBC34803-M5C-TR5 Datasheet HTML 7Page - Cymbet Corporation CBC34803-M5C-TR5 Datasheet HTML 8Page - Cymbet Corporation CBC34803-M5C-TR5 Datasheet HTML 9Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CBC34803 EnerChip™ RTC
©2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-34 V.09
Page 3 of 9
Preliminary
Pin Number
Label
Description
1
XO
Crystal output
2
VCAP
External capacitor connection to supply switchover current at cold temp.
(optional)
3
nIRQ2
Interrupt 2 / Output
4
NC
No connection
5
VSS
Ground
6
VCHG
4.1V (typical) charging source - connect to VBAT and/or optional
EnerChip(s)
7
VEC
Positiveterminalofintegratedthinfilmbattery-connecttoonlytoVCHG
via PCB trace
8
SDA
I2C data input / Output
9
NC
No connection
10
SCL
I2C clock input
11
AF
Autocalibrationfilter
12
FOUT/nIRQ
Interrupt 1 / Function output
13
VDD
Supply voltage; positive or negative steps in VDD can affect oscillator per-
formance; recommend 100nF decoupling close to the device (see Fig. 30)
14
RESET/
Output signal indicating RTC is operating in backup power mode
15
EN
Charge pump enable; activates VCHG 4.1V (typ.) charging source
16
XI
Crystal input
CBC34803 Input/Output Descriptions
EnerChip Properties
Energy capacity (typical):
5µAh
Recharge time to 80%:
<15 minutes
Charge/discharge cycles:
>5000 to 10% depth-of-discharge
Operating temperature:
-10°C to +70°C
Storage temperature:
-40°C to +125°C
Minimum VDD to charge EnerChip:
2.5V
Figure 4: CBC34803 Package (left: top view, looking through package; right: pad dimensions)
Package
Dimensions
(mm)
XO
VCAP
nIRQ2
NC
FOUT/nIRQ
AF
SCL
NC
1
2
3
4
VSS
VCHG
VEC
SDA
XI
EN
RESET
VDD
12
11
10
9
16
15
14
13
5
6
7
8


Similar Part No. - CBC34803-M5C-TR5

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC34803-M5C-TR5 CYMBET-CBC34803-M5C-TR5 Datasheet
280Kb / 7P
   Using CBC348xx EnerChip RTC in High Accuracy Applications
CBC34803-M5C-TR5 CYMBET-CBC34803-M5C-TR5 Datasheet
326Kb / 5P
   Extend Battery Life by Reducing System Power using the EnerChip RTC
CBC34803-M5C-TR5 CYMBET-CBC34803-M5C-TR5 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
More results

Similar Description - CBC34803-M5C-TR5

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
DS-72-31 CYMBET-DS-72-31 Datasheet
1Mb / 14P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34813 CYMBET-CBC34813 Datasheet
981Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34123 CYMBET-CBC34123 Datasheet
480Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-38 CYMBET-DS-72-38 Datasheet
1Mb / 18P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
logo
Intersil Corporation
ISL1208 INTERSIL-ISL1208 Datasheet
393Kb / 21P
   I2C Real Time Clock/Calendar
logo
HAOYU MICROELECTRONIC.,...
HYM8563 HAOYU-HYM8563 Datasheet
166Kb / 12P
   I2C Real Time Clock/Calendar
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com