Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1410206-1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 1410206-1
Description  High Speed Backplane Connectors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1410206-1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 1410206-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1410206-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1410206-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1410206-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1410206-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1410206-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1410206-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1410206-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1410206-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
143
Catalog 1773095
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
High Speed Backplane Connectors
5
MULTIGIG RT Connector Products (Continued)
Possible Module
Configurations Used with
Power Modules
Three Signal Modules and One Power Module
Product Selection Guide
(Continued)
Guide
Pin
Guide
Pin
Power
Receptacle
Module
Receptacle
Full Left End Module*
Receptacle
Center Module
Receptacle
Full Right End Module*
Guide
Module
Guide
Module
Power
Plug
Module
Plug
Full Left End Module*
Plug
Center Module
Plug
Full Right End Module*
Two and One-Half Signal Modules and One Power Module
Guide
Pin
Guide
Pin
Power
Receptacle
Module
Receptacle
Left End Module
Receptacle
Center Module
Receptacle
Full Right End Module*
Guide
Module
Guide
Module
Power
Plug
Module
Plug
Left End Module
Plug
Center Module
Plug
Full Right End Module*
Four Signal Modules with One Power Module
Guide
Pin
Guide
Pin
Power
Receptacle
Module
Receptacle
Full Left End Module*
Receptacle
Center Module
Receptacle
Full Right End Module*
Guide
Module
Guide
Module
Power
Plug
Module
Plug
Full Left End Module*
Plug
Center Module
Receptacle
Center Module
Plug
Center Module
Plug
Full Right End Module*
* A Half Left End Module and a Half
Right End Module can be used
instead.


Similar Part No. - 1410206-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410206-1 MACOM-1410206-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
1410206-1 MACOM-1410206-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
More results

Similar Description - 1410206-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410186-1 MACOM-1410186-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
1410190-3 MACOM-1410190-3 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
1410200-1 MACOM-1410200-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
5223955-2 MACOM-5223955-2 Datasheet
6Mb / 42P
   High Speed Backplane Connectors
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Samtec, Inc
EBCB SAMTEC-EBCB Datasheet
777Kb / 2P
   HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS
Rev 02MAR21
logo
TE Connectivity Ltd
STRADA TEC-STRADA Datasheet
4Mb / 4P
   Backplane Connectors
logo
Glenair, Inc.
801-037 GLENAIR-801-037 Datasheet
416Kb / 2P
   Mighty Mouse High-Speed Connectors
logo
Hirose Electric
EX60T-C71P HIROSE-EX60T-C71P Datasheet
310Kb / 10P
   High-Speed Differential Signal Connectors
logo
Samtec, Inc
EBTM SAMTEC-EBTM_V01 Datasheet
1Mb / 2P
   HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com