Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC3150 Datasheet(PDF) 1 Page - Cymbet Corporation

Part # CBC3150
Description  Epson RX-8564 RTC Power Backup with EnerChip Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3150 Datasheet(HTML) 1 Page - Cymbet Corporation

  CBC3150 Datasheet HTML 1Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
I2C SCL
System power
I2C SDA
INT/
R3
100K
R3
100K
C3
1.0uF
C3
1.0uF
C1
1.0uF
C1
1.0uF
U1 EnerChip CBC31xx
U1 EnerChip CBC31xx
EN
GND
VBAT
VOUT
VIN
RESET
VMODE
CN
CP
VCHG
GND
R2
10K
R2
10K
R1
10K
R1
10K
C2
0.1uF
C2
0.1uF
U2 Epson RX-8564
U2 Epson RX-8564
INT
5
GND
6
SCL
10
SDA
7
CLKOE
11
CLKOUT
9
VDD
10
Page 1 of 1
Doc MD-72-0XX Rev A
©2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
Cymbet, the Cymbet Logo and EnerChip are trademarks of Cymbet Corporation. All Rights Reserved
Page 1 of 1
Doc MD-72-0XX Rev A
©2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
Cymbet, the Cymbet Logo and EnerChip are trademarks of Cymbet Corporation. All Rights Reserved
Applications
EnerChips are an attractive RTC backup alternative to batteries or supercapacitors, especially when the
finished product has limited PCB space, size constraints or needs to be sealed or installed in a hard-to-
reach location. They are also excellent if you have any of these design requirements:
• Battery must be RoHS and WEEE compliant
• Product can be discarded without removing battery
• Product must have battery installed during shipping via air
• Battery must be rechargeable to support a lifetime of power outages
• Battery must provide backup power for several hours during a main power failure
Advantages of Combining These Two Parts
Cymbet EnerChips are solid-state, rechargeable batteries with
the following characteristics when compared to conventional
rechargeable batteries:
• Low self-discharge
• Are solder reflow tolerant
• Flat discharge voltage profile
• High charge/discharge cycle life
• Simple voltage controlled charging
• Have no flammable solvents to leak or catch fire
• Are offered in low profile surface mount packages
Epson RX-8564 Real Time Clock
How2 Info Sheet
Epson RX-8564 RTC Power Backup with EnerChip™ Battery
RX-8564
CBC3105
CBC3112
CBC3150
Iq (nA at 3V)
Back up
time (hrs)
Package Size
(mm x mm)
Back up
time (hrs)
Package Size
(mm x mm)
Back up
time (hrs)
Package Size
(mm x mm)
275
18
4 x 5
44
7 x 7
182
9 x 9
Documentation
• Cymbet Application Note: AN-1042
• Cymbet Evaluation Kits: CBC-EVAL-05B, CBC-EVAL-06
• Data Sheets: Epson RX-8564, CBC3105, CBC3112, CBC3150
• All Cymbet Documents and Downloads: http://www.cymbet.com/products/datasheets-downloads.php
Evaluation Kits
Cymbet EnerChip
RTC CBC-EVAL-06
Cymbet EnerChip
CBC-EVAL-05B
ENERCHIP
CBC3150-D9C


Similar Part No. - CBC3150

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC3150 CYMBET-CBC3150 Datasheet
212Kb / 1P
   Ambiq AM1803 RTC Power Backup with EnerChip Battery
CBC3150 CYMBET-CBC3150 Datasheet
288Kb / 3P
   EnerChip CC Backup Power for Epson RX-8564 Real-Time Clock
CBC3150 CYMBET-CBC3150 Datasheet
935Kb / 16P
   EnerChip CC with Integrated Power Management
CBC3150 CYMBET-CBC3150 Datasheet
202Kb / 1P
   Microchip MDP79410 RTC Power Backup with EnerChip Battery
CBC3150-D9C CYMBET-CBC3150-D9C Datasheet
1Mb / 15P
   EnerChip EP Universal Energy Harvester Eval Kit
More results

Similar Description - CBC3150

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1042 CYMBET-AN-1042 Datasheet
288Kb / 3P
   EnerChip CC Backup Power for Epson RX-8564 Real-Time Clock
MDP79410 CYMBET-MDP79410 Datasheet
202Kb / 1P
   Microchip MDP79410 RTC Power Backup with EnerChip Battery
AM1803 CYMBET-AM1803 Datasheet
212Kb / 1P
   Ambiq AM1803 RTC Power Backup with EnerChip Battery
AN-1045 CYMBET-AN-1045 Datasheet
214Kb / 3P
   EnerChip CC Backup Power for Micro Crystal RV-2123 RTC
AN-1046 CYMBET-AN-1046 Datasheet
312Kb / 3P
   EnerChip CC as Backup Power for a Microchip MCP79410 RTC
DS-72-35 CYMBET-DS-72-35 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
AN-1059 CYMBET-AN-1059 Datasheet
326Kb / 5P
   Extend Battery Life by Reducing System Power using the EnerChip RTC
DS-72-39 CYMBET-DS-72-39 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
DS-72-37 CYMBET-DS-72-37 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
logo
ATMEL Corporation
AT73C224-G ATMEL-AT73C224-G_14 Datasheet
1Mb / 75P
   Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com