Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0-1102855-7 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # 0-1102855-7
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0-1102855-7 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button 0-1102855-7 Datasheet HTML 47Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 48Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 49Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 50Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 51Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 52Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 53Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 54Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
49
HA.3 Gehäuse/Housings
Baugröße/Size 1
Pulverbeschichtet, silbergrau
Powder-coated, silver-grey
Längsbügel am Unterteil/Side clip at housing bottom
(IP 44) IP 65*
HA.3.STO.1.11.Z
HA.3.STO.1.M16.Z
HA.3.STO.1.M20.Z
HA-K.3.STO.1.11.Z
HA-K.3.STO.1.M16G
HA.3.STW.1.11.Z
HA.3.STW.1.M16.Z
HA.3.STW.1.M20.Z
HA.3.AG-LB
HA-K.3.AG-LB
HA.3.AGD-LB
HA.3.AGW-LB
HA-K.3.AGW-LB
1-1102101-7
0-1106405-1
0-1106405-3
2-1102101-7
0-1106405-2
1-1102103-7
0-1106406-1
0-1106406-3
1-1102105-2
2-1102105-2
1-1102106-2
1-1102107-2
2-1102107-2
Bestelltext
Designation
Bestell-Nr.
Order No.
Steckergehäuse: Kabeleingang seitlich
Hood: Side entry
26,5
M/PG
26,5
40
M/PG
PG
11
11
11
Anbaugehäuse: Kabeleingang unten
Surface mounted housing: Bottom entry
40
35
28
30
15
Steckergehäuse: Kabeleingang oben
Hood: Top entry
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
M16
M20
M16
M16
M20
Anbaugehäuse: Kabeleingang unten
Surface mounted housing: Bottom entry
1-1102106-2
HA.3.AGD-LB
40
30
35
28
ø3.3
7
15
Bezeichnung
Description
Montageausschnitt/Panel cut-out 22 x22
Winkel-Anbaugehäuse: Kabeleingang unten
Surface mounted housing: Bottom entry
40
35
25
30
Montageausschnitt/Panel cut-out ø 20
Montageausschnitt/Panel cut-out 22 x22
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
*Zubehör siehe Seite 189
*Accessories see page 189


Similar Part No. - 0-1102855-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
0-1102600-2 TEC-0-1102600-2 Datasheet
233Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-1 TEC-0-1102602-1 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-3 TEC-0-1102602-3 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-1 TEC-0-1102700-1 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-4 TEC-0-1102700-4 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 0-1102855-7

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com