Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1105301-1 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # 2-1105301-1
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2-1105301-1 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button 2-1105301-1 Datasheet HTML 74Page - List of Unclassifed Manufacturers 2-1105301-1 Datasheet HTML 75Page - List of Unclassifed Manufacturers 2-1105301-1 Datasheet HTML 76Page - List of Unclassifed Manufacturers 2-1105301-1 Datasheet HTML 77Page - List of Unclassifed Manufacturers 2-1105301-1 Datasheet HTML 78Page - List of Unclassifed Manufacturers 2-1105301-1 Datasheet HTML 79Page - List of Unclassifed Manufacturers 2-1105301-1 Datasheet HTML 80Page - List of Unclassifed Manufacturers 2-1105301-1 Datasheet HTML 81Page - List of Unclassifed Manufacturers 2-1105301-1 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
76
HB.6, HB-K.6, HD.16, HD-K.16 Gehäuse/Housings
Baugröße/Size 3
Pulverbeschichtet, silbergrau/K = korrosionsgeschützt, schwarz
Powder-coated, silver-grey/K = corrosion-resistant, black
Längsbügel am Unterteil/Side clip at housing bottom
IP 65
HB.6.KDO-LB.1.16.G
HB.6.KDO-LB.1.M25.G
HB-K.6.KDO-LB.1.16.G
HB-K.6.KDO-LB.1.M25.G
HB.6.KDO-LB.1.13.G
HD.16.KDO-LB.1.21.G
HD.16.KDO-LB.1.M32.G
HD-K.16.KDO-LB.1.21.G
HD-K.16.KDO-LB.1.M32.G
1-1102258-2
0-1106417-1
2-1102258-2
0-1106417-2
0-1102258-1
1-1102489-2
0-1106421-1
2-1102489-2
0-1106421-2
Bestelltext
Designation
Bestell-Nr.
Order No.
Kupplungsgehäuse: Kabeleingang unten, Hohe Bauform
Cable-to-cable hood: Bottom entry, High construction
1-1102258-2
HB.6.KDO-LB.1.16.G
43
60
35
2-1102258-2
M/PG
1-1102489-2
HD.40.KDO-LB.1.21.G
43
72
25
60
72,5
M/PG
PG
16
16
13
21
21
Mit Korrosionsschutz
With corrosion protection
Kupplungsgehäuse: Kabeleingang unten, Standard Bauform
Cable-to-cable hood: Bottom entry, Standard construction
Mit Korrosionsschutz
With corrosion protection
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
M25
M25
M32
M32
Bezeichnung
Description


Similar Part No. - 2-1105301-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1105301-1 MACOM-2-1105301-1 Datasheet
85Kb / 1P
   SOCKET CONTACT SERIES HVT
More results

Similar Description - 2-1105301-1

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com