Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

324084 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 324084
Description  Standard Terminals and Splices
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

324084 Datasheet(HTML) 4 Page - Tyco Electronics

  324084 Datasheet HTML 1Page - Tyco Electronics 324084 Datasheet HTML 2Page - Tyco Electronics 324084 Datasheet HTML 3Page - Tyco Electronics 324084 Datasheet HTML 4Page - Tyco Electronics 324084 Datasheet HTML 5Page - Tyco Electronics 324084 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
TERMINYL (Continued)
62
Butt Splices
Material
Insulation Sleeve — Nylon, UL 94V-2
Splice Body — Copper per
ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 73
Wire Size
Dimension
Splice
Wire Insulation Diameter Max.
Circular Mils
Style
L
Insulation
Part Numbers
[mm2]
Max.
Color
Single End
Multiple End
8 to 12-10
13,100-20,800
Single to Single
Red w/
[6.64-10.5]
Step-Down
2.066
Yellow at
.255
to
Assembly
52.48
adapter end
6.48
328569
5,180-13,100
[2.62-6.64]
6 to 8
20,800-33,100
Single to Single
Blue w/
[10.5-16.8]
Step-Down
2.265
Red at
.310
to
Assembly
57.53
adapter end
7.87
328571
13,100-20,800
[6.64-10.5]
8
2.066
.255
13,100-20,800
Red
324625
[6.64-10.5]
52.48
6.48
6
2.265
.310
20,800-33,100
Blue
324660
[10.5-16.8]
57.53
7.87
4
2.804
.370
33,100-52,600
Yellow
324622
[16.8-26.7]
71.22
9.40
2
3.094
.445
52,600-83,700
Red
324623
[26.7-42.4]
78.59
11.30
8
2.171
.255
.335
13,100-20,800
Red
324658
[6.64-10.5]
55.14
6.48
8.51
6
2.359
.310
.415
20,800-33,100
Blue
324621
[10.5-16.8]
59.92
7.87
10.54
4
2.804
.370
.495
33,100-52,600
Yellow
324662
[16.8-26.7]
71.22
9.40
12.57
8
2.276
.335
13,100-20,800
Red
324657
[6.64-10.5]
57.81
8.51
6
2.484
.415
20,800-33,100
Blue
324659
[10.5-16.8]
63.09
10.54
2
3.094
.595
52,600-83,700
Red
324663
[26.7-42.4]
78.59
15.11
1
Step-Down Assembly includes adapter which is visible through insulation sleeve window.
Single to Single
Standard Splice
Single to Multiple
Standard Splice
Multiple to Multiple
Standard Splice


Similar Part No. - 324084

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3240842 PHOENIX-3240842 Datasheet
105Kb / 6P
   Protective hose - WP-PA HF-HB 28,5 BK
09/12/2020
3240849 PHOENIX-3240849 Datasheet
73Kb / 4P
   Protective hose - WP-SPIRAL PVC C 10
09/12/2020
More results

Similar Description - 324084

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
320569 MACOM-320569 Datasheet
258Kb / 30P
   Standard Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
logo
List of Unclassifed Man...
130017 ETC2-130017 Datasheet
35Kb / 1P
   AMP Terminals and Splices Application Tooling, Servece Kits
logo
TE Connectivity Ltd
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
logo
Molex Electronics Ltd.
19286-0065 MOLEX-19286-0065 Datasheet
124Kb / 1P
   Putt Pump DielessHead Crimper for Insulated and Non-Insulated Terminals and Splices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com