Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6620004-1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 6620004-1
Description  Modular Jacks and MRJ21 Product
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6620004-1 Datasheet(HTML) 7 Page - Tyco Electronics

  6620004-1 Datasheet HTML 1Page - Tyco Electronics 6620004-1 Datasheet HTML 2Page - Tyco Electronics 6620004-1 Datasheet HTML 3Page - Tyco Electronics 6620004-1 Datasheet HTML 4Page - Tyco Electronics 6620004-1 Datasheet HTML 5Page - Tyco Electronics 6620004-1 Datasheet HTML 6Page - Tyco Electronics 6620004-1 Datasheet HTML 7Page - Tyco Electronics 6620004-1 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
30
Catalog 82066
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 11-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MAG45 Modular Jacks with Integrated Magnetics (Continued)
Modular Jacks and MRJ21 Product
MAG45 with PoE Controller
RJ45 + PoE Magnetics +
Silicon Power Controller
Chip
PoE Product Features
Integrated Silicon PoE
12-port controller
802.3af compliant
Auto and Enhanced mode
capable
Footprint
Press-fit configuration
Ease of routing on
customer PCB
Pin Assignments
Signal integrity benefits
vs. standard footprint
Three options in same
footprint:
Integrated Magnetics Only
Integrated Magnetics,
Enabled PoE
Integrated Magnetics,
Integrated PoE
2250Vdc / 1500Vac
electrical isolation per
802.3 requirements
Customer Benefits:
Simplify implementation of
full PoE solution
Board real estate savings
Reduce board layout issues
Integrate new and existing
technologies into a single
connector unit
Why Integrate the PoE
Circuitry into the RJ?
Single package (PoE, LED’s,
Magnetics, Heat Sink)
Identical footprint for both
Integrated PoE/Enabled and
non-PoE
Single design, single
motherboard can be used
for both PoE and non-PoE
Same design can migrate
between switches (including
blades and fixed)
Delivered fully tested and
qualified, no need to bother
with complicated PoE
testing
Reduced layer count/
Reduces cost of motherboard
No PoE daughterboards
Isolated PoE voltage
provided directly from the
power supply
All per port components
embedded in RJ
Eliminates issues of voltage
isolation on motherboard
Reduces EMI risks
PoE Controller Features
Power supplied over data
contacts 1 & 2 and 3 & 6
I2C Capability
PoE chip provides power
and command/control
circuitry from motherboard
power plane/bus
Provides isolation between
earth/building and signal
ground
Real time control of
overload, underload, short
circuits and under voltage
states
0.5A current carrying
capacity
Full AC disconnect and
classification
80V tolerant, surge
protected system
Registers for MIB 8 support
and parameters adjustment
Single voltage feeding
(44 – 57VDC)
Designed to support legacy
capacitor detection
How Does PoE RJ45 Work?
Embedded inside each
RJ45 is the Silicon Power
PD64012 chip
Each RJ45 is a 12 port PoE
system, communicating
with each other to create a
system of up to 48 ports
The Host CPU controls the
system via I2C
Two main operating modes:
Automatic/Enhanced Mode
to match system customiza-
tion requirements
For assistance in part selec-
tion, please refer to the
Tyco Electronics
E-Catalog.
Your Tyco Electronics Sales
Representative or one of the
Product Information Centers
listed below are also avail-
able to assist.
Legacy vs. Press Fit PoE Footprint
Legacy Footprint
Solder Only
Integrated/Enabled/Non PoE Footprint
Press Fit


Similar Part No. - 6620004-1

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
66200221122 WURTH-66200221122 Datasheet
462Kb / 3P
   WR-MPC3 - 3.00MM MALE DUAL ROW VERTICAL HEADER
66200421122 WURTH-66200421122 Datasheet
462Kb / 3P
   WR-MPC3 - 3.00MM MALE DUAL ROW VERTICAL HEADER
66200621122 WURTH-66200621122 Datasheet
462Kb / 3P
   WR-MPC3 - 3.00MM MALE DUAL ROW VERTICAL HEADER
66200821122 WURTH-66200821122 Datasheet
462Kb / 3P
   WR-MPC3 - 3.00MM MALE DUAL ROW VERTICAL HEADER
More results

Similar Description - 6620004-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
60583-2 MACOM-60583-2 Datasheet
434Kb / 8P
   Modular Jacks and MRJ21 Product
logo
Kycon, Inc.
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GAX KYCON-GAX Datasheet
855Kb / 1P
   MODULAR JACKS AND PLUGS
GDWLX KYCON-GDWLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDX KYCON-GDX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDLX KYCON-GDLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDLX-SMT KYCON-GDLX-SMT Datasheet
1,005Kb / 1P
   MODULAR JACKS AND PLUGS
GDTX KYCON-GDTX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GLX KYCON-GLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDCX-P KYCON-GDCX-P Datasheet
424Kb / 1P
   MODULAR JACKS AND PLUGS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com