Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6368525-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6368525-1
Description  Modular Jacks and MRJ21 Product
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6368525-1 Datasheet(HTML) 1 Page - Tyco Electronics

  6368525-1 Datasheet HTML 1Page - Tyco Electronics 6368525-1 Datasheet HTML 2Page - Tyco Electronics 6368525-1 Datasheet HTML 3Page - Tyco Electronics 6368525-1 Datasheet HTML 4Page - Tyco Electronics 6368525-1 Datasheet HTML 5Page - Tyco Electronics 6368525-1 Datasheet HTML 6Page - Tyco Electronics 6368525-1 Datasheet HTML 7Page - Tyco Electronics 6368525-1 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
24
Catalog 82066
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 11-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MAG45 Modular Jacks with Integrated Magnetics
Modular Jacks and MRJ21 Product
Note: All part numbers are RoHS compliant.
The MAG45 product line
offers a broad range of
available RJ45 modular
jacks with integrated mag-
netics for 10/100 Base-T,
Gigabit and PoE Enabled
applications. Multiple con-
figurations are available to
include single port, tab up
or tab down; single port
USB/RJ45; single port low
profile; ganged multiport,
1xN; and stacked multiport,
2xN. All available with or
without LEDs. There are
multiple LED combinations
and color options available.
Available soon RJ45 with
Integrated Magnetics/
PoE controller and MRJ21
product.
Available in Spring 2005 Pb
Free/RoHS Compliant
MAG45 product.
Product Features
PCB space savings
Improved reliability and EMI
performance over discrete
magnetics
Micro-welding of mag wire
to PCB versus soldering
Meets or exceeds FCC Part
68, IEEE 802.3, and ANSI
X3.263 requirements
Supports all appropriate and
available PHY Chips and
applications
Extended Temp -40C to +85C
available
Product Qualification
501 and 108 Qualification
Test and Product
Specification Reports
available
UL/CSA Recognized
component
For assistance in part selec-
tion, please refer to the
Tyco Electronics E-Catalog
Your Tyco Electronics Sales
Representative or one of the
Product Information Centers
listed below are also avail-
able to assist


Similar Part No. - 6368525-1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6368 ALPHAWIRE-6368 Datasheet
77Kb / 2P
   Component 1 10 X 1 PAIR
logo
List of Unclassifed Man...
6368-45 ETC2-6368-45 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6368-47 ETC2-6368-47 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6368-49 ETC2-6368-49 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6368-50 ETC2-6368-50 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 6368525-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
60583-2 MACOM-60583-2 Datasheet
434Kb / 8P
   Modular Jacks and MRJ21 Product
logo
Kycon, Inc.
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GAX KYCON-GAX Datasheet
855Kb / 1P
   MODULAR JACKS AND PLUGS
GDWLX KYCON-GDWLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDX KYCON-GDX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDLX KYCON-GDLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDLX-SMT KYCON-GDLX-SMT Datasheet
1,005Kb / 1P
   MODULAR JACKS AND PLUGS
GDTX KYCON-GDTX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GLX KYCON-GLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDCX-P KYCON-GDCX-P Datasheet
424Kb / 1P
   MODULAR JACKS AND PLUGS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com