Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD677TD Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AD677TD
Description  MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD677TD Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AD677TD Datasheet HTML 2Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 3Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 4Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 5Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 6Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 7Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 8Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 9Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95592
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
6
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics – continued.
Test
Symbol
Conditions
-55
°C ≤ T
A ≤ +125°C,
VCC = +12 V, VEE = -12 V,
VDD = +5 V, VREF = 10 V,
VIH = 2.0 V, VIL = 0.8 V
Group A
subgroups
Device
type
Limits
Unit
unless otherwise specified
Min
Max
Calibration time
tCT
see figure 2
9, 10, 11
01
85532
tCLK
Sampling time
(included in tC)
tS
see figure 2
9, 10, 11
01
2
µs
CAL to BUSY delay
tCALB
see figure 2
9, 10, 11
01
50
ns
Last CLK to SAMPLE delay
tLCS
see figure 2
9, 10, 11
01
2.1
µs
SAMPLE to BUSY delay
tSB
see figure 2
9, 10, 11
01
75
ns
CLK high
tCH
see figure 2
9, 10, 11
01
50
ns
CLK low
tCL
see figure 2
9, 10, 11
01
50
ns
1
ST CLK delay
tFCD
see figure 2
9, 10, 11
01
50
ns
SCLK low
tSCL
see figure 2
9, 10, 11
01
35
ns
CLK to BUSY delay
tCB
see figure 2
9, 10, 11
01
350
ns
CLK to SDATA valid
tCD
see figure 2
9, 10, 11
01
50
200
ns
CLK to SCLK high
tCSH
see figure 2
9, 10, 11
01
75
350
ns
SDATA to SCLK high
tDSH
see figure 2
9, 10, 11
01
35
ns
Sample low
tSL
see figure 2
9, 10, 11
01
100
ns
CAL HIGH
tCALH
see figure 2
9, 10, 11
01
50
ns
1/ Minimum resolution for which “no missing codes” is guaranteed.
2/ VIN = 0.05 dB, fIN = 1 kHz, all measurements referred to a 0 dB (20 Vp-p) input signal. The full Nyquist bandwidth is used for
all values.


Similar Part No. - AD677TD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD677TD ETC2-AD677TD Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
logo
Analog Devices
AD677TD AD-AD677TD Datasheet
72Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
APR 97
logo
List of Unclassifed Man...
AD677TD883B ETC2-AD677TD883B Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
logo
Analog Devices
AD677TD883B AD-AD677TD883B Datasheet
72Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
APR 97
More results

Similar Description - AD677TD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD677JRZ ETC2-AD677JRZ Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
logo
Analog Devices
AD677JNZ AD-AD677JNZ Datasheet
72Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
APR 97
logo
List of Unclassifed Man...
AD871SD ETC2-AD871SD Datasheet
54Kb / 12P
   MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
logo
Analog Devices
5962-91764 AD-5962-91764 Datasheet
180Kb / 15P
   MICROCIRCUIT, DIGITAL-LINEAR, 12-BIT, QUAD
logo
List of Unclassifed Man...
AD7547JRZ ETC-AD7547JRZ Datasheet
134Kb / 12P
   MICROCIRCUIT, LIINEAR, DUAL, CMOS, 12-BIT, D/A CONVERTER, MONOLITHIC SILICON
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
logo
List of Unclassifed Man...
AD7890AN ETC2-AD7890AN Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
logo
Zilog, Inc.
Z8927320VSG ZILOG-Z8927320VSG Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z89223 ZILOG-Z89223 Datasheet
865Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSC ZILOG-Z8927320VSC Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com