Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH3NPN6R8NJ0L Datasheet(PDF) 11 Page - ams AG

Part # LQH3NPN6R8NJ0L
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LQH3NPN6R8NJ0L Datasheet(HTML) 11 Page - ams AG

Back Button LQH3NPN6R8NJ0L Datasheet HTML 7Page - ams AG LQH3NPN6R8NJ0L Datasheet HTML 8Page - ams AG LQH3NPN6R8NJ0L Datasheet HTML 9Page - ams AG LQH3NPN6R8NJ0L Datasheet HTML 10Page - ams AG LQH3NPN6R8NJ0L Datasheet HTML 11Page - ams AG LQH3NPN6R8NJ0L Datasheet HTML 12Page - ams AG LQH3NPN6R8NJ0L Datasheet HTML 13Page - ams AG LQH3NPN6R8NJ0L Datasheet HTML 14Page - ams AG LQH3NPN6R8NJ0L Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1310
Revision 1.8
10 - 19
AS1310
Datasheet - Detailed Descri pti on
Energy stored during the on time is given by:
Joules (Region A in Figure 13)(EQ 6)
If the overall time period (TON + TOFF) is T, the power taken from the input is:
Watts
(EQ 7)
Assume output power is 0.8 PIN to establish an initial value of operating period T.
TWAIT is determined by the time taken for the output voltage to fall to 0.99xVOUT. The longer the wait time, the lower will be the supply current of
the converter. Longer wait times require increased output capacitance. Choose TWAIT = 10% T as a minimum starting point for maximum energy
transfer. For very low power load applications, choose TWAIT ≥ 50% T.
8.1.3 Output Loop Timing
The output loop consists of the main inductor, P-channel synchronous switch (or diode if fitted), output capacitor and load. When the input loop is
interrupted, the voltage on the LX pin rises (Lenz’s Law). At the same time a comparator enables the synchronous switch, and energy stored in
the inductor is transferred to the output capacitor and load. Inductor peak current supports the load and replenishes the charge lost from the
output capacitor. The magnitude of the current from the inductor is monitored, and as it approaches zero, the synchronous switch is turned off.
No switching action continues until the output voltage falls below the output reference point (0.99 x VOUT).
Output power is composed of the dc component (Region C in Figure 13):
PREGION_C =
(EQ 8)
Output power is also composed of the inductor component (Region B in Figure 13), neglecting efficiency loss:
PREGION_B =
(EQ 9)
Total power delivered to the load is the sum of (EQ 8) and (EQ 9):
(EQ 10)
From (EQ 3) (using nominal values) peak current is given by:
(EQ 11)
Substituting (EQ 11) into (EQ 10) and re-arranging:
(EQ 12)
0.9T incorporates a wait time TWAIT = 10% T
Output power in terms of regulated output voltage and load resistance is:
(EQ 13)
Combining (EQ 12) and (EQ 13):
(EQ 14)
Symbol
η reflects total energy loss between input and output and is approximately 0.8 for these calculations. Use (EQ 14) to plot duty cycle
(TON/T) changes for various output loadings and changes to VIN.
E
0.5LIPK
()
2
=
PIN
0.5LIPK
()
2
T
---------------------------
=
VIN
IPK
2
--------
TOFF
T
-------------
0.5LIPK
()
2
T
---------------------------
PTOTAL
VIN
IPK
2
--------
TOFF
T
-------------
0.5LIPK
()
2
T
---------------------------
+
=
IPK
TONVIN
L
-------------------
=
PTOTAL
V
2
INTON
2TL
---------------------- 0.9T
()
=
POUT
V
2
OUT
RLOAD
-----------------
=
V
2
OUT
RLOAD
-----------------
V
2
INTON
2TL
---------------------- 0.9T
()η
=


Similar Part No. - LQH3NPN6R8NJ0L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN6R8NJ0 MURATA-LQH3NPN6R8NJ0 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH3NPN6R8NJ0 MURATA-LQH3NPN6R8NJ0 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
LQH3NPN6R8NJ0 MURATA-LQH3NPN6R8NJ0 Datasheet
95Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
ams AG
LQH3NPN6R8NJ0 AMSCO-LQH3NPN6R8NJ0 Datasheet
568Kb / 26P
   Wide input voltage range (2.4V to 5.5V)
logo
Murata Manufacturing Co...
LQH3NPN6R8NJ0p MURATA-LQH3NPN6R8NJ0p Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results

Similar Description - LQH3NPN6R8NJ0L

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Murata Manufacturing Co...
MYRLP-F-RD MURATA1-MYRLP-F-RD Datasheet
30Mb / 26P
   Ultra-Low Quiescent Current, Inductor Built-in Step-Down DC/DC Converter
D90DH -00119
logo
ams AG
AS1323 AMSCO-AS1323_04 Datasheet
1Mb / 15P
   1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com