Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-6437287-9 Datasheet(PDF) 17 Page - Tyco Electronics

Part # 9-6437287-9
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-6437287-9 Datasheet(HTML) 17 Page - Tyco Electronics

Back Button 9-6437287-9 Datasheet HTML 13Page - Tyco Electronics 9-6437287-9 Datasheet HTML 14Page - Tyco Electronics 9-6437287-9 Datasheet HTML 15Page - Tyco Electronics 9-6437287-9 Datasheet HTML 16Page - Tyco Electronics 9-6437287-9 Datasheet HTML 17Page - Tyco Electronics 9-6437287-9 Datasheet HTML 18Page - Tyco Electronics 9-6437287-9 Datasheet HTML 19Page - Tyco Electronics 9-6437287-9 Datasheet HTML 20Page - Tyco Electronics 9-6437287-9 Datasheet HTML 21Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Product Specification
108-78140
Rev. A8
17 of 41
9.7
Water-Proof
Test
The
connector
is
placed
in
the
thermostatic
chamber,
heated
up
40min.
and
then
immediately
sprayed
with
water
of
normal
temp.
for
20min.
in
an
water-proof
test
chamber.
This
is
defined
as
1cycle.
The
cycle
is
repeated
48
times
for
the
test.
The
spray
is
made
according
to
S2
of
JIS
D0203.
Potential
of
28
volt
is applied
across
each
contact
of
the
connector
during
the
water
spray
by
the
circuit
shown
in
the
Fig.3
and
leak
current
is
monitored.
At
running
the
test,
the
leading
end
of
the
lead
wire
shall
be
pulled
out
from
the
test
chamber
after
having
been
soldered
and
then
sealed
with
adhesives.
The
thermostatic
chamber
is
set
at
125℃.
9.8
Freezing
Test
The
conector
is
put
in
a
thermostatic
chamber
set
at
-30±5℃
immediately
after
dipped
in
boiling
water
for
1hour
and
then
taken
out
of
the
chamber
after
the
water
stuck
on
the
connector
has
freezed.
Potential
of
28
volts
is
applied
across
each
contact
of
the
conector
during
the
test
with
the
circuit
shown
in
Fig.3,
and
leak
current
is
monitored.
9.9
Corrosion
Gas
Test
The
connector
is
left
in
the
test
chamber
for
24hours.
The
chamber
is
fed
with
10ppmSO
2
gas
with
90%
or
more
humidity
and
set
at
normal
temperature.
9.10
Ozone
Deterioration
Test
The
connector
is
left
in
the
test
chamber
for
24hours.
The
chamber
is
fed
with
50±5ppm
ozone
gas
and
set
at
40℃.


Similar Part No. - 9-6437287-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-6437287-9 MACOM-9-6437287-9 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
More results

Similar Description - 9-6437287-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1437287-8 MACOM-9-1437287-8 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
logo
PHOENIX CONTACT
2203749 PHOENIX-2203749 Datasheet
75Kb / 4P
   Seal - DCS D-SEAL 3,0MM
09/12/2020
logo
Pepperl+Fuchs Inc.
VAZ-PG11-FKD PF-VAZ-PG11-FKD Datasheet
96Kb / 1P
   Seal
logo
PHOENIX CONTACT
1400374 PHOENIX-1400374 Datasheet
65Kb / 3P
   Seal - VS-ASI-FC-SEAL-HP
09/11/2020
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
   FEEDTHROUGH SEAL
logo
Rosenberger Hochfrequen...
59K14B-1M4 ROSENBERGER-59K14B-1M4 Datasheet
538Kb / 1P
   CABLE SEAL
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
   GLASS-SEAL
logo
PHOENIX CONTACT
1410695 PHOENIX-1410695 Datasheet
58Kb / 2P
   Seal - SAC-VP-SEAL-SIL/RD OD
logo
Rosenberger Hochfrequen...
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
   Glass Seal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com