Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1310-BTDT-331 Datasheet(PDF) 8 Page - ams AG

Part # AS1310-BTDT-331
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310-BTDT-331 Datasheet(HTML) 8 Page - ams AG

Back Button AS1310-BTDT-331 Datasheet HTML 4Page - ams AG AS1310-BTDT-331 Datasheet HTML 5Page - ams AG AS1310-BTDT-331 Datasheet HTML 6Page - ams AG AS1310-BTDT-331 Datasheet HTML 7Page - ams AG AS1310-BTDT-331 Datasheet HTML 8Page - ams AG AS1310-BTDT-331 Datasheet HTML 9Page - ams AG AS1310-BTDT-331 Datasheet HTML 10Page - ams AG AS1310-BTDT-331 Datasheet HTML 11Page - ams AG AS1310-BTDT-331 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1310
Revision 1.8
7 - 19
AS1310
Datasheet - Ty pical Operating Characteristics
Figure 9. Start-up Voltage vs. Output Current
Figure 10. RON vs. Temperature
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
01
2
3
4
56
78
9
10
Output Current (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-40
-15
10
35
60
85
Temperature (°C)
PM OS
NM OS
Figure 11. Output Voltage Ripple; VIN = 2V, VOUT = 3V,
Rload = 100
Ω
5µs/Div


Similar Part No. - AS1310-BTDT-331

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1310-BTDT-33 AMSCO-AS1310-BTDT-33 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
More results

Similar Description - AS1310-BTDT-331

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Murata Manufacturing Co...
MYRLP-F-RD MURATA1-MYRLP-F-RD Datasheet
30Mb / 26P
   Ultra-Low Quiescent Current, Inductor Built-in Step-Down DC/DC Converter
D90DH -00119
logo
ams AG
AS1323 AMSCO-AS1323_04 Datasheet
1Mb / 15P
   1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com