Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6473423-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 6473423-2
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6473423-2 Datasheet(HTML) 3 Page - Tyco Electronics

  6473423-2 Datasheet HTML 1Page - Tyco Electronics 6473423-2 Datasheet HTML 2Page - Tyco Electronics 6473423-2 Datasheet HTML 3Page - Tyco Electronics 6473423-2 Datasheet HTML 4Page - Tyco Electronics 6473423-2 Datasheet HTML 5Page - Tyco Electronics 6473423-2 Datasheet HTML 6Page - Tyco Electronics 6473423-2 Datasheet HTML 7Page - Tyco Electronics 6473423-2 Datasheet HTML 8Page - Tyco Electronics 6473423-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Product Specification
108-78140
Rev. A8
3 of 41
Structure
No.
of
Pos.
Part
Number
Old
Part
No.
9-1437287-8
3900134-2611
9-6437287-8
9-1437287-9
3900134-2612
9-6437287-9
5-144223-0
3900135-2611
5-644223-0
1437288-4
3900135-2612
6437288-4
2-1437285-8
3900136-2611
2-6437285-8
2-1437285-9
3900136-2612
2-6437285-9
1473423-1
6473423-1
1473423-2
Horizontal
Type
6473423-2
1437288-6
3900168-26
1473418-1
6473418-1
1473418-2
Cap
Housing
Connector
Cap
Housing
Assy
26
Vertical
Type
6473418-2
3-1447221-3
3900187-01
Receptacle
contact
assy
3-1447221-4
3900187-02
4-1437290-0
3900113-3421
4-1437290-1
3900113-3422
2-1437285-3
3900113-3411
34
3-1437290-9
3900113-3412
3-1437290-7
3900113-2621
3-1437290-8
3900113-2622
2-1437285-2
3900113-2611
1-1447232-7
3900113-2612
1473416-1
Plug
Housing
assy
26
1473416-2
Plug
Housing
Connector
Hole
Plug
4-1437284-3
3400130


Similar Part No. - 6473423-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6473423-2 MACOM-6473423-2 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
More results

Similar Description - 6473423-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1437287-8 MACOM-9-1437287-8 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
logo
PHOENIX CONTACT
2203749 PHOENIX-2203749 Datasheet
75Kb / 4P
   Seal - DCS D-SEAL 3,0MM
09/12/2020
logo
Pepperl+Fuchs Inc.
VAZ-PG11-FKD PF-VAZ-PG11-FKD Datasheet
96Kb / 1P
   Seal
logo
PHOENIX CONTACT
1400374 PHOENIX-1400374 Datasheet
65Kb / 3P
   Seal - VS-ASI-FC-SEAL-HP
09/11/2020
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
   FEEDTHROUGH SEAL
logo
Rosenberger Hochfrequen...
59K14B-1M4 ROSENBERGER-59K14B-1M4 Datasheet
538Kb / 1P
   CABLE SEAL
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
   GLASS-SEAL
logo
PHOENIX CONTACT
1410695 PHOENIX-1410695 Datasheet
58Kb / 2P
   Seal - SAC-VP-SEAL-SIL/RD OD
logo
Rosenberger Hochfrequen...
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
   Glass Seal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com