Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP-16AH Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # OP-16AH
Description  MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OP-16AH Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button OP-16AH Datasheet HTML 3Page - List of Unclassifed Manufacturers OP-16AH Datasheet HTML 4Page - List of Unclassifed Manufacturers OP-16AH Datasheet HTML 5Page - List of Unclassifed Manufacturers OP-16AH Datasheet HTML 6Page - List of Unclassifed Manufacturers OP-16AH Datasheet HTML 7Page - List of Unclassifed Manufacturers OP-16AH Datasheet HTML 8Page - List of Unclassifed Manufacturers OP-16AH Datasheet HTML 9Page - List of Unclassifed Manufacturers OP-16AH Datasheet HTML 10Page - List of Unclassifed Manufacturers OP-16AH Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-89543
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
C
SHEET
7
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics – Continued.
Test
Symbol
Conditions 1/ 2/ 3/
-55
°C ≤ TA ≤ +125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Power supply rejection 4/
ratio
PSRR+
V+ = +10 V to +18 V,
1
04
86
dB
V- = -15 V
2,3
85
PSRR-
V- = -10 V to -18 V,
1
86
V+ = +15 V
2,3
85
Output short circuit 4/
current
ISC+
1
04
-42
-2
mA
ISC-
2
42
Slew rate 4/
SR
AVCL = +1 V
7
01,04
18.0
V/
µs
8a
10.0
7
02
12.0
8a
7.0
7
03
9.0
8a
5.0
Gain bandwidth product 4/
GBW
TA = +25°C, fO = 100 kHz
7
01,04
5.5
MHz
02
4.0
03
3.0
Power dissipation 4/
PD
VO = 0 V, TA = +25°C
1
01,02,
04
210
mW
03
240
Settling time
tS
6/
9,10
All
4
µs
1/ Unless otherwise specified VS = ±15 V, RS = 50 Ω.
2/ Devices supplied to this drawing meet all levels M, D, P, L, and R of irradiation however this device is only tested at the
R level. Pre and post irradiation values are identical unless otherwise specified in table I. When performing post
irradiation electrical measurements for any RHA level, TA = +25°C.
3/ These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are guaranteed only for the conditions as specified in MIL-STD-883,
method 1019.
4/ This parameter not tested post irradiation.
5/ Subgroup 3 is guaranteed if not tested.
6/ Subgroup 10 is guaranteed if not tested.


Similar Part No. - OP-16AH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
OP-16AH LINER-OP-16AH Datasheet
424Kb / 4P
   Precision, High Speed JFET-Input Operational Amplifiers
More results

Similar Description - OP-16AH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962-8853801VGA ETC2-5962-8853801VGA Datasheet
86Kb / 14P
   MICROCIRCUIT, LINEAR, DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com