Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-2064880-X Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # X-2064880-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064880-X Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button X-2064880-X Datasheet HTML 86Page - List of Unclassifed Manufacturers X-2064880-X Datasheet HTML 87Page - List of Unclassifed Manufacturers X-2064880-X Datasheet HTML 88Page - List of Unclassifed Manufacturers X-2064880-X Datasheet HTML 89Page - List of Unclassifed Manufacturers X-2064880-X Datasheet HTML 90Page - List of Unclassifed Manufacturers X-2064880-X Datasheet HTML 91Page - List of Unclassifed Manufacturers X-2064880-X Datasheet HTML 92Page - List of Unclassifed Manufacturers X-2064880-X Datasheet HTML 93Page - List of Unclassifed Manufacturers X-2064880-X Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 100 page
background image
90
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
PRO BEAM Expanded Beam Rugged Optics Products (Continued)
Performance Specifications
Optical, Multimode Version
Insertion Loss, Typical —
0.7 dB @ 1300 nm*
Optical, Singlemode Version
Insertion Loss, Typical —
0.7 dB @ 1310 nm*
Return Loss — > 34 dB
@ 1310 nm or 1550 nm
**
*When tested with reference quality
launch/receive cable assemblies
**RL Tested Open Ended
Mechanical
Vibration, Sinusoidal —
10 - 500 Hz, 3 directions;
0.75 mm amplitude @ 10g acceleration
Bump — 4,000 Bumps, 6 directions,
@ 50g acceleration
Free Fall — 500 falls on concrete;
Severity 1.2 m
Coupling Endurance —
3,000 couplings
Weight —
Plug — 290 grams, typical
Chassis bulkhead — 150 grams, typical
Temperature
Operational Temperature —
-40°C/+85°C
Storage Temperature —
-55°C/+85°C
Temperature, Cyclic —
-55°C/+85°C
Humidity (Damp Heat) —95% RH
Immersion
Water — 5 m depth (plug),
2 m (Bulkhead)
Material and Finish
Shell Alloy — Aluminum; or nickel
aluminum bronze (high saline environ-
ment)
Plating (For Aluminum Shells
Only) — clear hard anodized
Bulkhead Connector Panel
Thicknesses
PRO BEAM Sr. D-Hole Connector —
6.5 mm max.
PRO BEAM Sr. Square Flange
Connector — 8.5 mm max.
Technical Documents
Product Specifications
408-8799
Plug
408-8800
D-Hole Bulkhead
408-8877
Square Flange Bulkhead
Application Specification
114-13122
http://www.te.com/documents
Front View
Cap Removed
Panel Cutout
PRO BEAM Sr. D-Hole Bulkhead with Standard Cable Adapter
PRO BEAM Sr. Connectors
PRO BEAM Sr. Cable Connector, Plug
Front View
Cap Removed
Panel Cutout
PRO BEAM Sr. Square Flange Mount Bulkhead with Standard Cable Adapter
Front View
Cap Removed
Please contact your local
TE Sales Representative
for Part Numbers and
availability.


Similar Part No. - X-2064880-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064880-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com