Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM150RX-12A Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM150RX-12A
Description  Six IGBTMOD?? Brake NX-Series Module 150 Amperes/600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM150RX-12A Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM150RX-12A Datasheet HTML 1Page - Powerex Power Semiconductors CM150RX-12A Datasheet HTML 2Page - Powerex Power Semiconductors CM150RX-12A Datasheet HTML 3Page - Powerex Power Semiconductors CM150RX-12A Datasheet HTML 4Page - Powerex Power Semiconductors CM150RX-12A Datasheet HTML 5Page - Powerex Power Semiconductors CM150RX-12A Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CM150RX-12A
Six IGBTMOD™ + Brake NX-Series Module
150 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
3
Rev. 11/08
Electrical and Mechanical Characteristics,
Tj = 25°C unless otherwise specified
Inverter Sector
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector Cutoff Current
ICES
VCE = VCES, VGE = 0V
1.0
mA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 15mA, VCE = 10V
5
6
7
Volts
Gate Leakage Current
IGES
VGE = VGES, VCE = 0V
0.5
µA
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 150A, VGE = 15V, Tj = 25°C
1.7
2.1
Volts
IC = 150A, VGE = 15V, Tj = 125°C
1.9
Volts
IC = 150A, VGE = 15V, Chip
1.6
Volts
Input Capacitance
Cies
18.0
nF
Output Capacitance
Coes
VCE = 10V, VGE = 0V
2.0
nF
Reverse Transfer Capacitance
Cres
0.6
nF
Total Gate Charge
QG
VCC = 300V, IC = 150A, VGE = 15V
400
nC
Inductive
Turn-on Delay Time
td(on)
120
ns
Load
Turn-on Rise Time
tr
VCC = 300V, IC = 150A,
100
ns
Switch
Turn-off Delay Time
td(off)
VGE = ±15V,
350
ns
Time
Turn-off Fall Time
tf
RG = 6.2Ω, IE = 150A,
600
ns
Reverse Recovery Time*
trr
Inductive Load Switching Operation
200
ns
Reverse Recovery Charge*
Qrr
5.0
µC
Emitter-Collector Voltage*
VEC
IE = 150A, VGE = 0V, Tj = 25°C
2.0
2.8
Volts
IE = 150A, VGE = 0V, Tj = 125°C
1.95
Volts
IE = 150A, VGE = 0V, Chip
1.9
Volts
Thermal and Mechanical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case**
Rth(j-c)Q
Per IGBT
0.24
°C/W
Thermal Resistance, Junction to Case**
Rth(j-c)D
Per FWDi
0.46
°C/W
Contact Thermal Resistance**
Rth(c-f)
Thermal Grease Applied
0.015
°C/W
Internal Gate Resistance
RGint
TC = 25°C
0
Ω
External Gate Resistance
RG
4.1
41
Ω
*Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
**TC, Tf measured point is just under the chips.
34
20.6
0
0
17.3
26.8
41.4
26.0
29.4
35.4
33 32 31 30 29 28 27 26 25 24 23 22
Dimensions in mm (Tolerance: ±1mm)
21 20 19 18 17 16 15 14 13
12
35
36
1
2
3
4
11
10
9
8
7
6
5
IGBT
FWDi
NTC Thermistor
Chip Location (Top View)
UP
VP
WP
WN
VN
UN
UP
VP
WP
WN
Br
Th
Br
VN
UN
CHIP LOCATION (TOP VIEW)


Similar Part No. - CM150RX-12A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM150RX-12A MITSUBISHI-CM150RX-12A Datasheet
232Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM150RX-12A MITSUBISHI-CM150RX-12A_12 Datasheet
232Kb / 8P
   HIGH POWER SWITCHING USE
More results

Similar Description - CM150RX-12A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM100RX-12A POWEREX-CM100RX-12A Datasheet
647Kb / 6P
   Six IGBTMOD Brake NX-Series Module 100 Amperes/600 Volts
CM200RX-12A POWEREX-CM200RX-12A Datasheet
581Kb / 6P
   Six IGBTMOD Brake NX-Series Module 200 Amperes/600 Volts
CM150RX-24S POWEREX-CM150RX-24S Datasheet
1Mb / 13P
   Six IGBT Brake NX-Series Module 150 Amperes/1200 Volts
CM150TU-12H POWEREX-CM150TU-12H Datasheet
76Kb / 4P
   Six IGBTMOD 150 Amperes/600 Volts
CM150TL-12NF POWEREX-CM150TL-12NF Datasheet
537Kb / 4P
   Six IGBTMOD NF-Series Module 150 Amperes/600 Volts
CM150TF-12H POWEREX-CM150TF-12H Datasheet
63Kb / 4P
   Six-IGBT IGBTMOD 150 Amperes/600 Volts
QIS0660004 POWEREX-QIS0660004 Datasheet
640Kb / 5P
   Single IGBTMOD NX-Series Module 600 Amperes/600 Volts
QID0640020 POWEREX-QID0640020 Datasheet
642Kb / 5P
   Dual IGBTMOD NX-Series Module 400 Amperes/600 Volts
QIS1260015 POWEREX-QIS1260015 Datasheet
600Kb / 5P
   Single IGBTMOD NX-Series Module 600 Amperes/1200 Volts
CM75RX-34SA POWEREX-CM75RX-34SA Datasheet
1Mb / 13P
   Six IGBT Brake NX-Series Module 75 Amperes/1700 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com